Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet (PDF) - Texas Instruments

TLK6002 Datasheet PDF - Texas Instruments
Part # TLK6002
Download  TLK6002 Download
File Size   922.52 Kbytes
Page   98 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver

TLK6002 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLK6002 Datasheet PDF - Texas Instruments

Part # TLK6002
Download  TLK6002 Click to download

File Size   922.52 Kbytes
Page   98 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver

TLK6002 Datasheet (HTML) - Texas Instruments


TLK6002 Product details

1.1 Transceiver Features
1
• Dual Channel 470Mbps to 6.25Gbps
Continuous/Multi-Rate Transceiver
• Supports all CPRI and OBSAI Data Rates
• Integrated Latency Measurement Function,
Accuracy of ±814 ps
• CPRI/OBSAI Automated Rate Sense (ARS)
Function
• Supports SERDES Operation, 8B/10B Data
Modes (20-bit and 16-bit + Controls)
• 20-bit HSTL Single-Ended Parallel Data
Interface (Integrated Source and End
Termination)
• Shared or Independent Reference Clock per
Channel
• Latency/Depth Configurable Transmit and
Receive FIFOs.
• Loopback Capability (Serial and Parallel Side),
OBSAI Compliant
• Supports Serial Retime Operation
• Supports PRBS (27–1), (223 – 1) and (231–1) and
CRPAT Long/Short Generation and Verification
• Dual Power Supply: 1.0V Core, and 1.5V/1.8V
I/O Nominal Supply
• Serial Side Three Tap Transmit De-emphasis
and Receive Adaptive Equalization to Allow
Extended Backplane Reach
• Programmable Output Swing on Serial Output
• Minimum Receiver Differential Input
Thresholds of 100mVdfpp
• Loss of Signal (LOS) detection (≤75 mVdfpp)
• Interface to Back Plane, Copper Cables, or
Optical Modules
• Hot Plug Protection
• JTAG; IEEE 1149.1 /1149.6 Test Interface
• MDIO; IEEE 802.3 Clause-22 Support
• 65nm Advanced CMOS Technology
• Industrial Ambient Operating Temp (–40°C to
85°C) at Full Rate
• Device Package; 324 PBGA

1.2 Applications
• WI Infrastructure
• CPRI and OBSAI Links
• Proprietary Links
• Backplane
• High Speed Point- to-Point Transmission Systems




Similar Part No. - TLK6002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK6002 TI-TLK6002 Datasheet
1,000Kb / 96P
Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
TLK6002ZEU TI-TLK6002ZEU Datasheet
1,000Kb / 96P
Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
More results


Similar Description - TLK6002

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM8228 BOARDCOM-BCM8228 Datasheet
133Kb / 1P
VERIRATETM MULTI-RATE TRANSCEIVER
logo
Texas Instruments
TLK3134 TI-TLK3134 Datasheet
1Mb / 149P
4-Channel Multi-Rate Transceiver
TLK3134 TI-TLK3134_1 Datasheet
2Mb / 150P
4-Channel Multi-Rate Transceiver
TLK3131 TI-TLK3131 Datasheet
1Mb / 101P
Single Channel Multi-Rate Transceiver
TLK3132 TI-TLK3132 Datasheet
1Mb / 103P
2-Channel Multi-Rate Transceiver
logo
Source Photonics, Inc.
SP-MR-IR1-CDA SOURCE-SP-MR-IR1-CDA Datasheet
520Kb / 6P
Multi-Rate SFP Transceiver(IR1)
logo
Texas Instruments
TLK6002 TI-TLK6002 Datasheet
1,000Kb / 96P
Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
TLK10002 TI1-TLK10002 Datasheet
620Kb / 73P
10Gbps Dual-Channel Multi-Rate Transceiver
MAY2011
TLK3131 TI1-TLK3131_15 Datasheet
1Mb / 102P
Single Channel Multi-Rate Transceiver
TLK3132 TI1-TLK3132_15 Datasheet
1Mb / 104P
2-Channel Multi-Rate Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com