Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK6002 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 4Page - Texas Instruments TLK6002 Datasheet HTML 5Page - Texas Instruments TLK6002 Datasheet HTML 6Page - Texas Instruments TLK6002 Datasheet HTML 7Page - Texas Instruments TLK6002 Datasheet HTML 8Page - Texas Instruments TLK6002 Datasheet HTML 9Page - Texas Instruments TLK6002 Datasheet HTML 10Page - Texas Instruments TLK6002 Datasheet HTML 11Page - Texas Instruments TLK6002 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 98 page
background image
TLK6002
SLLSE34A – MAY 2010 – REVISED AUGUST 2010
www.ti.com
Table 2-1. Pin Description – Signal Pins (continued)
Terminal
Direction
Type
Description
Signal
BGA
Supply
Channel A Rate select pins. These pins put channel A into one of the four supported (full/half/quarter/eighth)
channel operation rates, enable software control, or enable Auto Rate Sense (ARS):
000 – Full Rate mode
001 – Half Rate mode
010 – Quarter rate mode
011 – Eighth rate mode
100 – Software Selectable Rate (Recommended default board configuration)
101 – Channel A Auto Rate Sense (ARS) Function Enabled
Channel A SERDES settings are determined by Channel A ARS machine.
CLK_OUT_P/N selected by CLK_OUT_SEL
See Table 2-9 for additional details on CLK_OUT_P/N.
110 – Channel A Auto Rate Sense (ARS) Function Enabled
Channel A SERDES settings are determined by Channel A ARS machine.
CLK_OUT_P/N is not selected by CLK_OUT_SEL
Input
Channel B may not be simultaneously configured with RATE_B=110
V2
LVCMOS
With respect to CLK_OUT_P/N, this setting has the highest priority.
RATE_A[2:0]
T4
1.5V/1.8V
See Table 2-9 for additional details on CLK_OUT_P/N.
U3
VDDO3
111 – Channel A Auto Rate Sense (ARS) Function Enabled – Slave Mode
If Channel B ARS is enabled (RATE_B=101 or 110 only):
Channel A SERDES settings are determined by Channel B ARS machine.
CLK_OUT_P/N is not selected by CLK_OUT_SEL
See Table 2-9 for additional details on CLK_OUT_P/N.
If Channel B ARS is not enabled (RATE_B=000/001/010/011/111):
Channel A SERDES settings are determined by Channel A MDIO registers.
CLK_OUT_P/N selected by CLK_OUT_SEL
See Table 2-9 for additional details on CLK_OUT_P/N.
Channel A and B should not be in slave mode simultaneously. Both directions of Channel A are controlled by these
input signals.
The RATE_A[2] pin should be routed to an uninstalled header so that it could be driven externally in the event that
device debug is required. In application mode, it should be biased with a pull up or pull down resistor, and not
connected directly to a power or ground plane.
Receive Output Channel A Clock. RXCLK_A is synchronous to RDA_[19:0], and may be used externally to
sample Channel A output parallel data.
Output
In SDR mode, this signal is equal in frequency to serial bit rate / 20.
HSTL
RXCLK_A
F1
In DDR mode, this signal is equal in frequency to serial bit rate / 40.
1.5V/1.8V
VDDQA
During device reset (RESET_N asserted low) this pin is driven low.
During pin based power down (PD_TRXA_N asserted low), this pin is floating.
During register based power down (1.15 asserted high), these pins are floating.
Receive PRBS Channel A Error Free (Pass) Indicator
When PRBS test is enabled (PRBS_EN=1):
PRBSA_PASS=1 indicates that PRBS pattern reception is error free.
Output
PRBSA_PASS=0 indicates that a PRBS error is detected.
LVCMOS
During device reset (RESET_N asserted low) this pin is driven low.
PRBSA_PASS
V3
1.5V/1.8V
During pin based power down (PD_TRXA_N asserted low), this pin is floating.
VDDO3 40
Ω
During register based power down (1.15 asserted high), this pin is floating.
Driver
It is highly recommended that PRBSA_PASS be brought to easily accessible point on the application board
(header), in the event that debug is required.
Encoder/Decoder Channel A Enable: When this pin is asserted high, the internal 8b/10b encoder/decoder is
Input
enabled. This signal is OR’d with MDIO register bits, and should be pulled low through a resistor if software control
LVCMOS
CODEA_EN
V4
is desired. This pin should be routed to an uninstalled header so that it could be driven externally in the event that
1.5V/1.8V
device debug is required. In application mode, it should be biased with a pull up or pull down resistor, and not
VDDO3
connected directly to a power or ground plane.
Channel A Receive Loss Of Signal (LOS) Indicator.
LOSA = 0, signal detected.
LOSA = 1, Loss of signal (6.10 enabled).
Loss of signal detection is based on the input signal level.
Output
When RXAP/N has an input signal of
≤75 mVdfpp, LOSA will be asserted (if enabled). The input signal should be ≥
LVCMOS
150 mVdfpp for this function to operate reliably.
LOSA
U4
1.5V/1.8V
Other functions can be observed on LOSA realtime, configured via MDIO.
VDDO3 40
Ω
Driver
During device reset (RESET_N asserted low) this pin is driven low. During pin based power down (PD_TRXA_N
asserted low), this pin is floating. During register based power down (1.15 asserted high), this pin is floating.
It is highly recommended that LOSA be brought to easily accessible point on the application board (header), in the
event that debug is required.
8
Description
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com