Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 49 Page - Texas Instruments

Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK6002 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 45Page - Texas Instruments TLK6002 Datasheet HTML 46Page - Texas Instruments TLK6002 Datasheet HTML 47Page - Texas Instruments TLK6002 Datasheet HTML 48Page - Texas Instruments TLK6002 Datasheet HTML 49Page - Texas Instruments TLK6002 Datasheet HTML 50Page - Texas Instruments TLK6002 Datasheet HTML 51Page - Texas Instruments TLK6002 Datasheet HTML 52Page - Texas Instruments TLK6002 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 98 page
background image
TLK6002
www.ti.com
SLLSE34A – MAY 2010 – REVISED AUGUST 2010
Table 3-8. CHANNEL_CONTROL_3 (continued)
Address: 0x03
Default: 0x0180
BIT(s)
NAME
DESCRIPTION
ACCESS
0 =
Disables comma detection
3.7
COMMA_ENABLE
1 =
Enables comma detection (Default 1’b1)
RW
Comma detection automatically enabled during CRPAT verification.
0 =
Enables SDR data mode on parallel Transmit and Receive directions (data is
clocked only on rising edge or only on falling edge) (Default 1’b0)
3.6
DDR_ENABLE
RW
1 =
Enables DDR data mode on parallel Transmit and Receive directions (data
clocked on both rising and falling edge)
0 =
TDx_[19:10] symbol is serialized before TDx_[9:0]. (Default 1’b0)
3.5
TX_SYMBOL_ORDER
RW
1 =
TDx_[9:0] symbol is serialized before TDx_[19:10].
0 =
RDx_[19:10] symbol is deserialized before RDx_[9:0] symbol. (Default 1’b0)
3.4
RX_SYMBOL_ORDER
RW
1 =
RDx_[9:0] symbol is deserialized before RDx_[19:10].
Encoder enable control. Logically OR’ed with CODE*_EN pin.
0 =
8B/10B encode function is disabled (Default 1’b0)
3.3
ENCODE_ENABLE
RW
1 =
8B/10B encode function is enabled
Encoder automatically enabled during CRPAT test pattern generation.
Decoder enable control. Logically OR’ed with CODE*_EN pin.
0 =
8B/10B decode function is disabled (Default 1’b0)
3.2
DECODE_ENABLE
RW
1 =
8B/10B decode function is enabled
Decoder automatically enabled during CRPAT verification.
Transmit parallel input interface mode select. (Default 1’b0)
When channel is in DDR mode
0 =
Source centered timing on transmit parallel interface. Data is sampled on both
rising and falling clock edges.
1 =
Source aligned timing on transmit parallel interface. Data is aligned with both
rising and falling clock edges, and a sampling point is created internal to
3.1
TX_EDGE_MODE
RW
TLK6002 .
When channel is in SDR mode
0 =
Falling edge align mode. Incoming data is aligned to falling edge of parallel
input clock. Internally data is sampled at the rising edge of the clock
1 =
Rising edge align mode. Incoming parallel data is aligned to rising edge of
parallel input clock. Internally data is sampled at the falling edge of the clock.
Receive Parallel output interface mode select. (Default 1’b0)
When channel is in DDR mode:
0 =
Source centered timing on receive parallel interface. Data changing is offset
from the rising and falling clock edge per the HSTL Timing specification section,
and is easily sampled by external devices.
1 =
Source aligned timing on receive parallel interface. Data changes at clock edge,
3.0
RX_EDGE_MODE
RW
and a sampling point must be created by external devices.
When channel is in SDR mode:
0 =
Falling edge align mode. Outgoing parallel data is aligned to the falling edge of
the parallel output clock, and is sampled on the rising edge by external devices.
1 =
Rising edge align mode. Outgoing parallel data is aligned to the rising edge of
the parallel output clock, and is sampled on the falling edge by external devices.
Copyright © 2010, Texas Instruments Incorporated
PROGRAMMERS REFERENCE
49
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com