Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK6002 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 9Page - Texas Instruments TLK6002 Datasheet HTML 10Page - Texas Instruments TLK6002 Datasheet HTML 11Page - Texas Instruments TLK6002 Datasheet HTML 12Page - Texas Instruments TLK6002 Datasheet HTML 13Page - Texas Instruments TLK6002 Datasheet HTML 14Page - Texas Instruments TLK6002 Datasheet HTML 15Page - Texas Instruments TLK6002 Datasheet HTML 16Page - Texas Instruments TLK6002 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 98 page
background image
TLK6002
www.ti.com
SLLSE34A – MAY 2010 – REVISED AUGUST 2010
Table 2-1. Pin Description – Signal Pins (continued)
Terminal
Direction
Type
Description
Signal
BGA
Supply
Input
JTAG Input Data. TDI is used to serially shift test data and test instructions into the device during the operation of
LVCMOS
the test port. In system applications where JTAG is not implemented, this input signal may be left floating.
1.5V/1.8V
During pin based power down (PD_TRXA_N and PD_TRXB_N asserted low), this pin is not pulled up. During
TDI
R15
VDDO2
register based power down (1.15 asserted high both channels), this pin is pulled up normally.
(Internal
Pullup)
JTAG Output Data. TDO is used to serially shift test data and test instructions out of the device during operation of
Output
the test port. When the JTAG port is not in use, TDO is in a high impedance state.
LVCMOS
TDO
R14
1.5V/1.8V
During device reset (RESET_N asserted low) this pin is floating. During pin based power down (PD_TRXA_N and
VDDO2 50
Ω PD_TRXB_N asserted low), this pin is floating. During register based power down (1.15 asserted high both
Driver
channels), this pin is floating.
Input
JTAG Mode Select. TMS is used to control the state of the internal test-port controller. In system applications
LVCMOS
where JTAG is not implemented, this input signal can be left unconnected.
1.5V/1.8V
During pin based power down (PD_TRXA_N and PD_TRXB_N asserted low), this pin is not pulled up. During
TMS
R3
VDDO3
register based power down (1.15 asserted high both channels), this pin is pulled up normally.
(Internal
Pullup)
Input
JTAG Clock. TCK is used to clock state information and test data into and out of the device during boundary scan
LVCMOS
operation. In system applications where JTAG is not implemented, this input signal should be grounded.
TCK
T16
w/Hysteresi
s 1.5V/1.8V
VDDO2
Input
JTAG Test Reset. TRST_N is used to reset the JTAG logic into system operational mode. This input can be left
LVCMOS
unconnected in the application and is pulled down internally, disabling the JTAG circuitry. If JTAG is implemented
1.5V/1.8V
on the application board, this signal should be deasserted (high) during JTAG system testing, and otherwise
TRST_N
T3
VDDO3
asserted (low) during normal operation mode.
(Internal
During pin based power down (PD_TRXA_N and PD_TRXB_N asserted low), this pin is not pulled down. During
Pulldown)
register based power down (1.15 asserted high both channels), this pin is pulled down normally.
Input
Test Enable. This signal is used during the device manufacturing process. It should be grounded through a resistor
LVCMOS
in the device application board. The application board should allow the flexibility of easily reworking this signal to a
TESTEN
T17
1.5V/1.8V
high level if device debug is necessary (by including an uninstalled resistor to VDDO2).
VDDO2
Input
General Purpose Input Zero. This signal is used during the device manufacturing process. It should be grounded
LVCMOS
through a resistor on the device application board. The application board should also allow the flexibility of easily
GPI0
R4
1.5V/1.8V
reworking this signal to a high level if device debug is necessary (by including an uninstalled resistor to VDDO3).
VDDO3
Input
General Purpose Input One. This signal can be used to logically combine an external status condition with LOSA
LVCMOS
or LOSB if enabled in an mdio register. Note that if GPI1 is low, LOSA/B will be asserted if logical combination is
GPI1
K10
1.5V/1.8V
enabled. Similarly, if GPI1 is high, LOSA/B will be deasserted. If unused, this input should be grounded in the
VDDO1
device application (not floating).
SERDES Channel A Analog Testability I/O. This signal is used during the device manufacturing process. It should
AMUXA
U5
Analog I/O
be left unconnected in the device application.
SERDES Channel B Analog Testability I/O. This signal is used during the device manufacturing process. It should
AMUXB
V14
Analog I/O
be left unconnected in the device application.
RESRA,
K8
HSTL Impedance Matching Resistors. These resistors are used as a reference for internal terminations on the
RESTA,
M1
Analog
HSTL inputs and outputs. Each RES* pin requires it’s own resistor, sharing resistors between RES* pins is not
RESRB,
J14
Input
possible. A 50 ohm 0.5% tolerance resistor should be selected to guarantee device datasheet specified parallel
RESTB
M18
interface timing specification.
Copyright © 2010, Texas Instruments Incorporated
Description
13
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com