Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK6002 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 8Page - Texas Instruments TLK6002 Datasheet HTML 9Page - Texas Instruments TLK6002 Datasheet HTML 10Page - Texas Instruments TLK6002 Datasheet HTML 11Page - Texas Instruments TLK6002 Datasheet HTML 12Page - Texas Instruments TLK6002 Datasheet HTML 13Page - Texas Instruments TLK6002 Datasheet HTML 14Page - Texas Instruments TLK6002 Datasheet HTML 15Page - Texas Instruments TLK6002 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 98 page
background image
TLK6002
SLLSE34A – MAY 2010 – REVISED AUGUST 2010
www.ti.com
Table 2-1. Pin Description – Signal Pins (continued)
Terminal
Direction
Type
Description
Signal
BGA
Supply
Port Address. Used to select the Port ID.
PRTAD[4:1] selects the device port address. TLK6002 has two different PHY addresses (ports). Selecting a unique
PRTAD[4:1] per TLK6002 device allows 16 TLK6002 devices per MDIO bus. Each channel can be accessed by
setting the appropriate port address field within the serial interface protocol transaction.
TLK6002 will respond if the 4 MSB’s of the inband PHY address field on MDIO protocol (PA[4:1]) matches
Input
PRTAD[4:1]. The LSB of PHY address field (PA[0]) will determine which channel/port within TLK6002 to respond to.
LVCMOS
V15
1.5V/1.8V
PRTAD[0] is not used functionally, but is present for device testability and compatibility with other devices in the
M8
VDDO2/
family of products.
PRTAD[4:0]
K12
VDDO1/
K11
Channel A responds to port address 0 within the block of two port addresses.
VDDO1/
L11
VDDO1/
Channel B responds to port address 1 within the block of two port addresses.
VDDO1
PRTAD[0] should be grounded on the application board.
The PRTAD[3] pin in application mode should be biased with a pull up or pull down resistor (or allow for an isolation
mechanism from the on board driver), and not connected directly to a power or ground plane. The application board
should allow the flexibility of easily reworking the PRTAD[3] signal to a high level if device debug is necessary (by
including an uninstalled resistor to VDDO1).
Input
Low True Device Reset. When asserted (low logic level), this signal resets the entire TLK6002 device. RESET_N
LVCMOS
must be held asserted for at least 10 µS after device power stabilization.
RESET_N
V1
1.5V/1.8V
VDDO3
Input
MDIO clock input. Clock input for the Clause 22 MDIO interface.
LVCMOS
Note that an external pullup is generally not required on MDC.
MDC
T1
w/Hysteresi
s 1.5V/1.8V
VDDO3
MDIO data I/O. MDIO interface data input/output signal for the Clause 22 MDIO interface.
Input/
This signal must be externally pulled up to VDDO3, using a 2 k
Ω resistor.
Output
During device reset (RESET_N asserted low) this pin is floating. During software initiated power down the
LVCMOS
MDIO
U2
management interface remains active for control register writes and reads. Certain status bits are not deterministic
1.5V/1.8V
as their generating clock source may be disabled as a result of asserting either power down input signal. During pin
VDDO3 25
Ω
based power down (PD_TRXA_N and PD_TRXB_N asserted low), this pin is floating. During register based power
Driver
down (1.15 asserted high both channels), this pin is driven normally.
SPI Clock (SPI_CLK). Defaults to Output, Driven Low. Can be used as a SPI interface or a generic customer
controllable I/O interface. When used as part of the SPI interface, this signal is the SPI clock to be used with
Input/
external TI Jitter cleaner or clock Distribution device.
Output
Three register bits (15.14:12) control this I/O signal. See the detailed register bit description for operational detail.
LVCMOS
SCL
H13
If unused in the application, this signal can be left floating.
1.5V/1.8V
Careful programming is required to prevent accidental contention with simultaneous external drivers. During device
VDDO1 25
Ω
reset (RESET_N asserted low) this pin is driven low. During pin based power down (PD_TRXA_N and PD_TRXB_N
Driver
asserted low), this pin is floating. During register based power down (1.15 asserted high both channels), these pins
are driven per register setting
SPI Data. Defaults to Input. Can be used as a SPI interface or a generic customer controllable I/O interface. When
used as part of the SPI interface, this signal is the SPI data from the external TI Jitter cleaner or clock Distribution
Input/
device to the TLK6002.
Output
Three register bits (15.10:8) control this I/O signal. See the detailed register bit description for operational detail.
LVCMOS
SDO
K13
If unused in the application, this signal should be pulled to ground. Careful programming is required to prevent
1.5V/1.8V
accidental contention with simultaneous external drivers.
VDDO1 25
Ω
During device reset (RESET_N asserted low) this pin is floating. During pin based power down (PD_TRXA_N and
Driver
PD_TRXB_N asserted low), this pin is floating. During register based power down (1.15 asserted high both
channels), these pins are driven per register setting.
SPI Data. Defaults to Output, driven low. Can be used as a SPI interface or a generic customer controllable I/O
interface. When used as part of the SPI interface, this signal is the SPI data from TLK6002 to the external TI Jitter
Input/
cleaner or clock Distribution device.
Output
Three register bits (15.6:4) control this I/O signal. See the detailed register bit description for operational detail.
LVCMOS
SDI
E14
If unused in the application, this signal can be left floating.
1.5V/1.8V
Careful programming is required to prevent accidental contention with simultaneous external drivers. During device
VDDO1 25
Ω
reset (RESET_N asserted low) this pin is driven low.
Driver
During pin based power down (PD_TRXA_N and PD_TRXB_N asserted low), this pin is floating. During register
based power down (1.15 asserted high both channels), these pins are driven per register setting.
SPI Chip Select. Defaults to Output, Driven High. Can be used as a SPI interface or a generic customer
controllable I/O interface. When used as part of the SPI interface, this signal is the chip select for the external TI
Input/
Jitter cleaner or clock Distribution device. Low=Select Device. High=Device Not Selected.
Output
Three register bits (15.2:0) control this I/O signal. See the detailed register bit description for operational detail.
LVCMOS
CS_N
D14
If unused in the application, this signal can be left floating. Careful programming is required to prevent accidental
1.5V/1.8V
contention with simultaneous external drivers.
VDDO1 25
Ω
During device reset (RESET_N asserted low) this pin is driven high. During pin based power down (PD_TRXA_N
Driver
and PD_TRXB_N asserted low), this pin is floating. During register based power down (1.15 asserted high both
channels), these pins are driven per register setting.
12
Description
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com