Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 39 Page - Texas Instruments

Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK6002 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 35Page - Texas Instruments TLK6002 Datasheet HTML 36Page - Texas Instruments TLK6002 Datasheet HTML 37Page - Texas Instruments TLK6002 Datasheet HTML 38Page - Texas Instruments TLK6002 Datasheet HTML 39Page - Texas Instruments TLK6002 Datasheet HTML 40Page - Texas Instruments TLK6002 Datasheet HTML 41Page - Texas Instruments TLK6002 Datasheet HTML 42Page - Texas Instruments TLK6002 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
LossOfSync
(Enable Alignment)
SyncStatusNotOk
Reset | (6.6 & LOS(LossofSignal))
Comma
NoComma
CommaDetect 1
(Disable Alignment)
Comma
!Comma & !InvalidDecode
CommaDetect 2
Comma
!Comma & !InvalidDecode
CommaDetect 3
Comma
!Comma & !InvalidDecode
Sync Acquired 1
(SyncStatusOk)
Sync Acquired 2
(goodcgs = 0)
Sync Acquired 3
(goodcgs = 0)
Sync Acquired 4
(goodcgs = 0)
InvalidDecode
InvalidDecode
InvalidDecode
Invalid
Decode
Invalid
Decode
Invalid
Decode
Invalid
Decode
Sync Acquired 2A
goodcgs++
!InvalidDecode&
good_cgs !=3
A
!invalidDecode &
good_cgs=3
Sync Acquired 4A
goodcgs++
!InvalidDecode &
good_cgs !=3
C
!invalidDecode &
good_cgs=3
Sync Acquired 3A
goodcgs++
!InvalidDecode &
good_cgs !=3
B
!invalidDecode &
good_cgs=3
InvalidDecode
InvalidDecode
InvalidDecode
A
B
C
Note:
IfCH_SYNC_HYSTERESIS[1:0](3.12:11) isequalto 2'b00),
machineoperatesasdrawn.
IfCH_SYNC_HYSTERESIS[1:0](3.12:11) isequalto 2'b01/
2’b10/2'b11, thenatransitionfromallSync Acquiredstates
occursimmediatelyupondetectionof 1, 2, or 3 adjacent
invalidcodewordsordisparityerrorsrespectively.
!Invalid
Decode
!Invalid
Decode
!Invalid
Decode
TLK6002
www.ti.com
SLLSE34A – MAY 2010 – REVISED AUGUST 2010
2.22.2 Receive Parallel Output Clock During ARS Mode
Per channel ARS_RX_CLK_EN (register bit 10.15) allows software programmability as to whether the
recovered output byte clock (RXCLK_A/B) is allowed to toggle (dynamically changing rates as the ARS
rate determination process executes), or if it is held fixed to zero until the incoming serial rate for the
channel has been determined. At the time rate determination is successful, the receive parallel output
interface clock is automatically allowed to toggle if it was prevented from toggling during ARS (and
enabling toggling is not delayed or gated by MDIO interaction in the case where ARS_TX_MDIO_GATE is
asserted).
Figure 2-14. Channel Synchronization Flowchart
Copyright © 2010, Texas Instruments Incorporated
Description
39
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com