Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 80 Page - Texas Instruments

Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK6002 Datasheet(HTML) 80 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 76Page - Texas Instruments TLK6002 Datasheet HTML 77Page - Texas Instruments TLK6002 Datasheet HTML 78Page - Texas Instruments TLK6002 Datasheet HTML 79Page - Texas Instruments TLK6002 Datasheet HTML 80Page - Texas Instruments TLK6002 Datasheet HTML 81Page - Texas Instruments TLK6002 Datasheet HTML 82Page - Texas Instruments TLK6002 Datasheet HTML 83Page - Texas Instruments TLK6002 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 98 page
background image
TLK6002
SLLSE34A – MAY 2010 – REVISED AUGUST 2010
www.ti.com
RATE_RX[1:0], write 4’b1101 to 1.3:0 PLL_MULT[3:0] to select EIGHTH rate and 20x MPY
(CHANNEL_CONTROL_1 = 0x01FD).
•
Serial Configuration
–
Configure the following bits per the desired application
•
1.9:8 (LOOP_BANDWIDTH[1:0])
•
2.12:8 (TWPOST1[4:0])
•
2.7:4 (TWPRE[3:0])
•
2.3:0 (SWING[3:0])
•
8.14:12 (EQPRE[2:0])
•
8.11:10 (CDRTHR[1:0]) = 2’b01
•
8.9:8 (CDRFMULT[1:0]) = 2’b00
•
Mode Control
–
Channel synchronization (comma enable) is on by default and the parallel output 9 bit codes are
byte aligned.
–
Write 1’b1 to 3.3 ENCODE_ENABLE
–
Write 1’b1 to 3.2 DECODE _ENABLE
–
Set the DDR Source Aligned Mode
•
Write 1’b1 to 3.6 DDR_ENABLE
•
Write 1’b1 to 3.1 TX_EDGE_MODE to select Transmit DDR Source Aligned Mode
•
Write 1’b1 to 3.0 RX_EDGE_MODE to select Receive DDR Source Aligned Mode
•
If a different parallel IO align mode used:
–
If SDR Falling Edge Aligned: write 0x018C to CHANNEL_CONTROL_3 register.
–
If SDR Rising Edge Aligned: write 0x018F to CHANNEL_CONTROL_3 register.
–
If DDR Source Centered: write 0x01CC to CHANNEL_CONTROL_3 register.
•
Enable desired status signals to LOSA and LOSB for real time monitoring per channel. Any number of
signals can be enabled at once.
–
If SERDES Rx Loss of Signal condition monitored: write 1’b1 to 6.10 LOS_OVERLAY.
–
If channel synchronization status monitored: write 1’b1 to 6.9 CH_SYNC_OVERLAY.
–
If PLL lock status monitored: write 1’b1 to 6.8 PLL_LOCK_OVERLAY.
–
If invalid code word status monitored: write 1’b1 to 6.3 INVALID_CODE_OVERLAY
–
If SERDES AGC unlock status monitored: write 1’b1 to 7.7 AGCLOCK_OVERLAY.
–
If SERDES AZDONE status monitored: write 1’b1 to 7.6 AZDONE_OVERLAY.
•
Check SERDES PLL Status for Locked State
–
Poll 5.0 PLL_LOCK (per channel) until it is asserted (high).
•
Toggle ENRX
–
Write 1’b0 to 20.2 (ENRX)
–
Write 1’b1 to 20.2 (ENRX)
•
Final CDR Configuration
–
Wait until either AGC_LOCKED asserted or 250M UI
–
Write 8.9:8 (CDRFMULT[1:0]) = 2’b01
–
Poll 5.13 AGC_LOCKED (1’b1) (per channel)
•
Issue Data path Reset
–
Write 1’b1 to 4.3 DATAPATH_RESET
•
Clear Latched Registers
–
Read 5 CHANNEL_STATUS_1 to clear all (per channel)
–
Read 14.15:0 ERROR_COUNTER to clear (per channel)
•
Device provisioning has completed at this point
80
ELECTRICAL SPECIFICATIONS
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com