Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK6002 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 17Page - Texas Instruments TLK6002 Datasheet HTML 18Page - Texas Instruments TLK6002 Datasheet HTML 19Page - Texas Instruments TLK6002 Datasheet HTML 20Page - Texas Instruments TLK6002 Datasheet HTML 21Page - Texas Instruments TLK6002 Datasheet HTML 22Page - Texas Instruments TLK6002 Datasheet HTML 23Page - Texas Instruments TLK6002 Datasheet HTML 24Page - Texas Instruments TLK6002 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
DDRSourceCenteredTiming
DDRSource AlignedTiming
TXCLK _A/B
TDA /B_[19:0]
Data 0[ 19:0]
Data 1[ 19:0]
Data 0[ 19:0]
Data 1[ 19:0]
RXCLK _A /B
RDA/B_[19:0]
TXCLK _A/B
RXCLK _A /B
RDA/B_[19:0]
Data 0[ 19:0]
Data 1[ 19:0]
Data 0[ 19:0]
Data 1[ 19:0]
TDA /B_[19:0]
TLK6002
www.ti.com
SLLSE34A – MAY 2010 – REVISED AUGUST 2010
Figure 2-1 shows the two modes of operation in SDR mode, rising edge aligned mode and falling edge
aligned mode. In rising edge aligned mode, TDA_* and TDB_* inputs are sampled on the falling edges of
TXCLK_A and TXCLK_B respectively. In falling edge aligned mode, TDA_* and TDB_* inputs are
sampled on the rising edge of TXCLK_A and TXCLK_B respectively. In rising edge aligned mode, RDA_*
and RDB_* are timed such that an external device can sample the data using the falling edge of
RXCLK_A and RXCLK_B respectively. In falling edge aligned mode, RDA_* and RDB_* are timed such
that an external device can sample the data using the rising edge of RXCLK_A and RXCLK_B
respectively.
2.6
20-bit DDR (Double Data Rate) Mode (8b/10b Encoder/Decoder Disabled)
When DDR is enabled with the 8b/10b encoder disabled, the data format is identical to that of "20-bit SDR
(Single Data Rate) Mode (8b/10b Encoder/Decoder Disabled)" mode, except that four symbols are
transferred per parallel interface clock cycle instead of two. See the referenced previous section for further
details. Figure 2-3 shows the two modes of operation in DDR mode, source centered and source aligned
mode. In source centered mode, TDA_* and TDB_* inputs are sampled on the rising and falling edges of
TXCLK_A and TXCLK_B respectively. In source aligned mode, TDA_* and TDB_* inputs arrive
simultaneously with TXCLK_A and TXCLK_B respectively, and the TXCLK_A and TXCLK_B sampling
window is created internal to TLK6002 by delaying the clock. In source centered mode, RDA_* and RDB_*
are timed such that an external device can sample the data using RXCLK_A and RXCLK_B respectively,
where the appropriate timing window for sampling is created by TLK6002. In source aligned mode, RDA_*
and RDB_* are aligned with RXCLK_A and RXCLK_B respectively at the outputs of TLK6002, and the
sampling window must be created external to TLK6002.
Figure 2-3. 20-bit DDR Parallel Interface Mode
Copyright © 2010, Texas Instruments Incorporated
Description
21
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com