Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2556IPWR Datasheet (PDF) - Texas Instruments

TLV2556IPWR Datasheet PDF - Texas Instruments
Part # TLV2556IPWR
Download  TLV2556IPWR Download
File Size   899.34 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV2556 12-Bit 200-kSPS 11-Channel Low-Power Serial ADC With Internal Reference

TLV2556IPWR Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV2556IPWR Datasheet PDF - Texas Instruments

Part # TLV2556IPWR
Download  TLV2556IPWR Click to download

File Size   899.34 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV2556 12-Bit 200-kSPS 11-Channel Low-Power Serial ADC With Internal Reference

TLV2556IPWR Datasheet (HTML) - Texas Instruments


TLV2556IPWR Product details

1 Features
1• 12-Bit Resolution Analog-to-Digital Converter
(ADC)
• Up to 200-kSPS (150-kSPS for 3 V) Throughput
Over Operating Temperature Range With 12-Bit
Output Mode
• 11 Analog Input Channels
• Three Built-In Self-Test Modes
• Inherent Sample and Hold Function
• Programmable Reference Source (2.048 / 4.096 V
Internal or External)
• Inherent Sample and Hold Function
• Linearity Error of ±1 LSB (Maximum)
• On-Chip Conversion Clock
• Programmable Conversion Status Output: INT or
EOC
• Unipolar or Bipolar Output Operation
• Programmable Most Significant Bit (MSB) or Least
Significant Bit (LSB) First
• Programmable Power Down
• Programmable Output Data Length
• SPI-Compatible Serial Interface With I/O Clock
Frequencies Up to 15 MHz (CPOL = 0,
CPHA = 0)

2 Applications
• Industrial Process Control
• Portable Data Logging
• Battery-Powered Instruments
• Automotive

3 Description
The TLV2556 device is a 12-bit switched-capacitor
successive-approximation analog-to-digital converter
(ADC). The ADC has three control inputs: chip select
(CS), the input-output clock, and the address and
control input (DATAIN). These inputs communicate
with the serial port of a host processor or peripheral
through a serial 3-state output.
In addition to the high-speed converter and versatile
control capability, the device has an on-chip 14-
channel multiplexer that can select any one of 11
inputs or any one of three internal self-test voltages using configuration register 1. The sample-and-hold
function is automatic. At the end of conversion, when
programmed as EOC, the pin 19 output goes high to
indicate that conversion is complete. If pin 19 is programmed as INT, the signal goes low when the
conversion is complete. The converter incorporated in
the device features differential, high-impedance
reference inputs that facilitate ratiometric conversion,
scaling, and isolation of analog circuitry from logic
and supply noise. A switched-capacitor design allows low error conversion over the full operating
temperature range. An internal reference is available
and its voltage level is programmable through
configuration register 2 (CFGR2).
The TLV2556 is characterized for operation from
TA = –40°C to +85°C.




Similar Part No. - TLV2556IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IPWR TI1-TLV2556IPWR Datasheet
1Mb / 38P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IPWR TI1-TLV2556IPWR Datasheet
1Mb / 39P
11-Channel Low-Power Serial ADC
TLV2556IPWRG4 TI-TLV2556IPWRG4 Datasheet
1Mb / 37P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IPWRG4 TI1-TLV2556IPWRG4 Datasheet
1Mb / 38P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
More results


Similar Description - TLV2556IPWR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1420 MAXIM-MAX1420 Datasheet
313Kb / 17P
12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference
19-1981; Rev 0; 5/01
logo
Texas Instruments
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2553 TI-TLV2553 Datasheet
456Kb / 28P
12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
TLV2553-Q1 TI1-TLV2553-Q1 Datasheet
401Kb / 28P
12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ADC
TLV2553IPW TI-TLV2553IPW Datasheet
984Kb / 29P
12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2553 TI1-TLV2553_14 Datasheet
986Kb / 30P
12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1_15 Datasheet
1Mb / 37P
12-Bit 200-KSPS 11-Channel Low-Power Serial ADC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com