Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1420 Datasheet (PDF) - Maxim Integrated Products

MAX1420 Datasheet PDF - Maxim Integrated Products
Part # MAX1420
Download  MAX1420 Download
File Size   313.83 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference

MAX1420 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1420 Datasheet PDF - Maxim Integrated Products

Part # MAX1420
Download  MAX1420 Click to download

File Size   313.83 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference

MAX1420 Datasheet (HTML) - Maxim Integrated Products


MAX1420 Product details

General Description
The MAX1420, 3.3V, 12-bit analog-to-digital converter (ADC) features a fully-differential input, pipelined, 12- stage ADC architecture with wideband track-and-hold (T/H) and digital error correction, incorporating a fullydifferential signal path. The MAX1420 is optimized for low-power, high dynamic performance applications in imaging and digital communications. The converter operates from a single 3.3V supply, and consumes only 221mW. The fully-differential input stage has a small signal -3dB bandwidth of 400MHz and may be operated with single-ended inputs.

Features
♦ 3.3V Single Power Supply
♦ 67dB SNR at fIN = 5MHz
♦ 66dB SNR at fIN = 15MHz
♦ Internal 2.048V Precision Bandgap Reference
♦ Differential, Wideband Input T/H Amplifier
♦ Power-Down Modes
    218mW (Reference Shutdown Mode)
    10µW (Shutdown Mode)
♦ Space-Saving 48-Pin TQFP Package

Applications
    Medical Ultrasound Imaging
    CCD Pixel Processing
    IR Focal Plane Arrays
    Radar
    IF and Baseband Digitization




Similar Part No. - MAX1420

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1420 MAXIM-MAX1420 Datasheet
235Kb / 6P
Easy Data Capture Configuration
Rev 0; 5/01
MAX1420EVKIT MAXIM-MAX1420EVKIT Datasheet
235Kb / 6P
Easy Data Capture Configuration
Rev 0; 5/01
More results


Similar Description - MAX1420

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1421 MAXIM-MAX1421 Datasheet
310Kb / 17P
12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
19-1900; Rev 0; 5/01
MAX1446 MAXIM-MAX1446 Datasheet
282Kb / 16P
10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 7/03
MAX1449 MAXIM-MAX1449 Datasheet
603Kb / 18P
10-Bit, 105Msps, Single 3.3V, Low-Power ADC with Internal Reference
Rev 0; 10/00
MAX191 MAXIM-MAX191 Datasheet
227Kb / 24P
Low-Power, 12-Bit Sampling ADC with Internal Reference and Power-Down
19-4506; Rev 4; 2/97
MAX1422 MAXIM-MAX1422 Datasheet
727Kb / 15P
12-Bit, 20Msps, 3.3V, Low-Power ADC with Internal Reference
Rev 1; 5/04
MAX1446-07 MAXIM-MAX1446-07 Datasheet
377Kb / 22P
10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07
MAX1446 MAXIM-MAX1446_08 Datasheet
250Kb / 20P
10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 4; 11/08
logo
Texas Instruments
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
logo
Maxim Integrated Produc...
MAX1197 MAXIM-MAX1197 Datasheet
544Kb / 22P
Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2002
MAX1421 MAXIM-MAX1421_V01 Datasheet
571Kb / 17P
12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
2006
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com