Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1422 Datasheet (PDF) - Maxim Integrated Products

MAX1422 Datasheet PDF - Maxim Integrated Products
Part # MAX1422
Download  MAX1422 Download
File Size   727.52 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12-Bit, 20Msps, 3.3V, Low-Power ADC with Internal Reference

MAX1422 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1422 Datasheet PDF - Maxim Integrated Products

Part # MAX1422
Download  MAX1422 Click to download

File Size   727.52 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12-Bit, 20Msps, 3.3V, Low-Power ADC with Internal Reference

MAX1422 Datasheet (HTML) - Maxim Integrated Products


MAX1422 Product details

General Description
The MAX1422 3.3V, 12-bit analog-to-digital converter (ADC) features a fully differential input, pipelined, 12-stage ADC architecture with wideband track-and-hold (T/H) and digital error correction incorporating a fully-differential signal path. The MAX1422 is optimized for low power, high dynamic performance applications in imaging and digital communications. The converter operates from a single 3.3V supply, consuming only 137mW while delivering a 67dB (typ) signal-to-noise ratio (SNR) at a 5MHz input frequency and a 20Msps sampling frequency. The fully-differential input stage has a small signal -3dB bandwidth of 400MHz and may be operated with single-ended inputs.

Features
♦ Single 3.3V Power Supply
♦ 67dB SNR at fIN = 5MHz
♦ Internal 2.048V Precision Bandgap Reference
♦ Differential Wideband Input T/H Amplifier
♦ Power-Down Modes
    130mW (Reference Shutdown Mode)
    10µW (Shutdown Mode)
♦ Space-Saving 48-Pin TQFP Package

Applications
    Medical Ultrasound Imaging
    CCD Pixel Processing
    Data Acquisition
    Radar
    IF and Baseband Digitization




Similar Part No. - MAX1422

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1422 MAXIM-MAX1422 Datasheet
235Kb / 6P
Easy Data Capture Configuration
Rev 0; 5/01
More results


Similar Description - MAX1422

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1420 MAXIM-MAX1420 Datasheet
313Kb / 17P
12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference
19-1981; Rev 0; 5/01
MAX1421 MAXIM-MAX1421 Datasheet
310Kb / 17P
12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
19-1900; Rev 0; 5/01
MAX1449 MAXIM-MAX1449 Datasheet
603Kb / 18P
10-Bit, 105Msps, Single 3.3V, Low-Power ADC with Internal Reference
Rev 0; 10/00
MAX191 MAXIM-MAX191 Datasheet
227Kb / 24P
Low-Power, 12-Bit Sampling ADC with Internal Reference and Power-Down
19-4506; Rev 4; 2/97
MAX1185 MAXIM-MAX1185 Datasheet
495Kb / 20P
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX1184 MAXIM-MAX1184 Datasheet
504Kb / 21P
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 10/01
MAX1185 MAXIM-MAX1185_10 Datasheet
299Kb / 21P
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 2; 4/10
MAX1185 MAXIM-MAX1185_11 Datasheet
359Kb / 21P
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 3; 5/11
logo
Texas Instruments
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
logo
Maxim Integrated Produc...
MAX1421 MAXIM-MAX1421_V01 Datasheet
571Kb / 17P
12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
2006
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com