Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1449 Datasheet (PDF) - Maxim Integrated Products

MAX1449 Datasheet PDF - Maxim Integrated Products
Part # MAX1449
Download  MAX1449 Download
File Size   603.4 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit, 105Msps, Single 3.3V, Low-Power ADC with Internal Reference

MAX1449 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1449 Datasheet PDF - Maxim Integrated Products

Part # MAX1449
Download  MAX1449 Click to download

File Size   603.4 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit, 105Msps, Single 3.3V, Low-Power ADC with Internal Reference

MAX1449 Datasheet (HTML) - Maxim Integrated Products


MAX1449 Product details

General Description

The MAX1449 +3.3V, 10-bit analog-to-digital converter (ADC) features a fully differential input, a pipelined 10-stage ADC architecture with wideband track-and-hold (T/H), and digital error correction incorporating a fully differential signal path. The ADC is optimized for low power, high-dynamic performance in imaging and digital communications applications. The converter operates from a single +2.7V to +3.6V supply, consuming only 186mW while delivering a 58.5dB (typ) signal to-noise ratio (SNR) at a 20MHz input frequency. The fully differential input stage has a -3dB 400MHz band width and may be operated with single-ended inputs. In addition to low operating power, the MAX1449 features a 5µA power-down mode for idle periods.



Features

♦Single +3.3V Operation

♦Excellent Dynamic Performance

58.5dB SNR at fIN = 20MHz

72dBc SFDR at fIN = 20MHz

♦Low Power

62mA (Normal Operation)

5µA (Shutdown Mode)

♦Fully Differential Analog Input

♦Wide 2Vp-p Differential Input Voltage Range

♦400MHz -3dB Input Bandwidth

♦On-Chip +2.048V Precision Bandgap Reference

♦CMOS-Compatible Three-State Outputs

♦32-Pin TQFP Package

♦Evaluation Kit Available



Applications

Ultrasound Imaging

CCD Imaging

Baseband and IF Digitization

Digital Set-Top Boxes

Video Digitizing Applications




Similar Part No. - MAX1449

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX144 MAXIM-MAX144 Datasheet
969Kb / 16P
2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX1441 MAXIM-MAX1441 Datasheet
1Mb / 41P
Automotive, Two-Channel Proximity and Touch Sensor
Rev 0; 7/10
MAX1441EVSYS MAXIM-MAX1441EVSYS Datasheet
3Mb / 29P
Adaptive Firmware Source Code Included
Rev 1; 1/11
MAX1441EVSYS+ MAXIM-MAX1441EVSYS+ Datasheet
3Mb / 29P
Adaptive Firmware Source Code Included
Rev 1; 1/11
More results


Similar Description - MAX1449

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1180 MAXIM-MAX1180 Datasheet
573Kb / 20P
Dual 10-Bit, 105Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
19-2097; Rev 0; 7/01
MAX1420 MAXIM-MAX1420 Datasheet
313Kb / 17P
12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference
19-1981; Rev 0; 5/01
MAX1421 MAXIM-MAX1421 Datasheet
310Kb / 17P
12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
19-1900; Rev 0; 5/01
MAX1444 MAXIM-MAX1444 Datasheet
401Kb / 20P
10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 11/03
MAX1422 MAXIM-MAX1422 Datasheet
727Kb / 15P
12-Bit, 20Msps, 3.3V, Low-Power ADC with Internal Reference
Rev 1; 5/04
MAX1448 MAXIM-MAX1448 Datasheet
553Kb / 21P
10-Bit, 80Msps, Single 3.0V, Low-Power ADC with Internal Reference
Rev 2; 5/04
MAX1446-07 MAXIM-MAX1446-07 Datasheet
377Kb / 22P
10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07
MAX1446 MAXIM-MAX1446_08 Datasheet
250Kb / 20P
10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 4; 11/08
MAX1421 MAXIM-MAX1421_V01 Datasheet
571Kb / 17P
12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
2006
MAX1444 MAXIM-MAX1444_V01 Datasheet
283Kb / 20P
10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com