Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1444 Datasheet (PDF) - Maxim Integrated Products

MAX1444 Datasheet PDF - Maxim Integrated Products
Part # MAX1444
Download  MAX1444 Download
File Size   401.1 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference

MAX1444 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1444 Datasheet PDF - Maxim Integrated Products

Part # MAX1444
Download  MAX1444 Click to download

File Size   401.1 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference

MAX1444 Datasheet (HTML) - Maxim Integrated Products


MAX1444 Product details

General Description
The MAX1444 10-bit, 3V analog-to-digital converter (ADC) features a pipelined 10-stage ADC architecture with fully differential wideband track-and-hold (T/H) input and digital error correction incorporating a fully differential signal path. This ADC is optimized for lowpower, high dynamic performance applications in imaging and digital communications.

Features
♦ Single 3.0V Operation
♦ Excellent Dynamic Performance
   59.5dB SNR at fIN = 20MHz
   74dBc SFDR at fIN = 20MHz
♦ Low Power
   19mA (Normal Operation)
   5μA (Shutdown Mode)
♦ Fully Differential Analog Input
♦ Wide 2Vp-p Differential Input Voltage Range
♦ 400MHz -3dB Input Bandwidth
♦ On-Chip 2.048V Precision Bandgap Reference
♦ CMOS-Compatible Three-State Outputs
♦ 32-Pin TQFP Package
♦ Evaluation Kit Available

Applications
   Ultrasound Imaging
   CCD Imaging
   Baseband and IF Digitization
   Digital Set-Top Boxes
   Video Digitizing Applications




Similar Part No. - MAX1444

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1444EHJ MAXIM-MAX1444EHJ Datasheet
283Kb / 20P
10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
2010
MAX1444EHJ/V+ MAXIM-MAX1444EHJ/V+ Datasheet
283Kb / 20P
10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
2010
MAX1444 MAXIM-MAX1444_V01 Datasheet
283Kb / 20P
10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
2010
More results


Similar Description - MAX1444

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1421 MAXIM-MAX1421 Datasheet
310Kb / 17P
12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
19-1900; Rev 0; 5/01
MAX1446 MAXIM-MAX1446 Datasheet
282Kb / 16P
10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 7/03
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX1186 MAXIM-MAX1186 Datasheet
444Kb / 21P
Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 0; 12/01
MAX1448 MAXIM-MAX1448 Datasheet
553Kb / 21P
10-Bit, 80Msps, Single 3.0V, Low-Power ADC with Internal Reference
Rev 2; 5/04
MAX1446-07 MAXIM-MAX1446-07 Datasheet
377Kb / 22P
10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07
MAX1446 MAXIM-MAX1446_08 Datasheet
250Kb / 20P
10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 4; 11/08
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1421 MAXIM-MAX1421_V01 Datasheet
571Kb / 17P
12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
2006
MAX1444 MAXIM-MAX1444_V01 Datasheet
283Kb / 20P
10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com