Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1183 Datasheet (PDF) - Maxim Integrated Products

MAX1183 Datasheet PDF - Maxim Integrated Products
Part # MAX1183
Download  MAX1183 Download
File Size   495.59 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs

MAX1183 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1183 Datasheet PDF - Maxim Integrated Products

Part # MAX1183
Download  MAX1183 Click to download

File Size   495.59 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs

MAX1183 Datasheet (HTML) - Maxim Integrated Products


MAX1183 Product details

General Description
The MAX1183 is a 3V, dual 10-bit analog-to-digital converter (ADC) featuring fully differential wideband trackand-hold (T/H) inputs, driving two pipelined, nine-stage ADCs. The MAX1183 is optimized for low-power, high dynamic performance applications in imaging, instrumentation, and digital communication applications. This ADC operates from a single 2.7V to 3.6V supply, consuming only 120mW while delivering a typical signal-to-noise ratio (SNR) of 59.6dB at an input frequency of 20MHz and a sampling rate of 40Msps. The T/H driven input stages incorporate 400MHz (-3dB) input amplifiers. The converters may also be operated with single-ended inputs. In addition to low operating power, the MAX1183 features a 2.8mA sleep mode as well as a 1µA power-down mode to conserve power during idle periods.

Features
♦ Single 3V Operation
♦ Excellent Dynamic Performance:
    59.6dB SNR at fIN = 20MHz
    73dB SFDR at fIN = 20MHz
♦ Low Power:
    40mA (Normal Operation)
    2.8mA (Sleep Mode)
    1µA (Shutdown Mode)
♦ 0.02dB Gain and 0.25° Phase Matching
♦ Wide ±1VP-P Differential Analog Input Voltage Range
♦ 400MHz -3dB Input Bandwidth
♦ On-Chip 2.048V Precision Bandgap Reference
♦ User-Selectable Output Format—Two’s Complement or Offset Binary
♦ 48-Pin TQFP Package with Exposed Paddle for Improved Thermal Dissipation

Applications
    High-Resolution Imaging
    I/Q Channel Digitization
    Multichannel IF Sampling
    Instrumentation
    Video Application
    Ultrasound




Similar Part No. - MAX1183

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1183 MAXIM-MAX1183 Datasheet
497Kb / 9P
Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX11835 MAXIM-MAX11835 Datasheet
147Kb / 1P
Efficient, High-Voltage, TacTouchTM, Haptic Actuator Controller with I2C Interface
Rev 1; 5/12
MAX11835EWA+ MAXIM-MAX11835EWA+ Datasheet
147Kb / 1P
Efficient, High-Voltage, TacTouchTM, Haptic Actuator Controller with I2C Interface
Rev 1; 5/12
MAX11835EWA+ MAXIM-MAX11835EWA+ Datasheet
339Kb / 1P
Efficient, High-Voltage, TacTouch?? Haptic Actuator Controller with I2C Interface
2015
MAX11835 MAXIM-MAX11835_V01 Datasheet
339Kb / 1P
Efficient, High-Voltage, TacTouch?? Haptic Actuator Controller with I2C Interface
2015
More results


Similar Description - MAX1183

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1196 MAXIM-MAX1196 Datasheet
635Kb / 23P
Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
19-2600; Rev 0; 9/02
MAX1185 MAXIM-MAX1185 Datasheet
495Kb / 20P
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX1195 MAXIM-MAX1195 Datasheet
563Kb / 22P
Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 4/02
MAX1186 MAXIM-MAX1186 Datasheet
444Kb / 21P
Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 0; 12/01
MAX1184 MAXIM-MAX1184 Datasheet
504Kb / 21P
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 10/01
MAX1181 MAXIM-MAX1181 Datasheet
304Kb / 20P
Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 1; 2/07
MAX1185 MAXIM-MAX1185_10 Datasheet
299Kb / 21P
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 2; 4/10
MAX1185 MAXIM-MAX1185_11 Datasheet
359Kb / 21P
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 3; 5/11
MAX1182 MAXIM-MAX1182 Datasheet
510Kb / 21P
Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 7/01
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com