Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1182 Datasheet (PDF) - Maxim Integrated Products

MAX1182 Datasheet PDF - Maxim Integrated Products
Part # MAX1182
Download  MAX1182 Download
File Size   510.19 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs

MAX1182 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1182 Datasheet PDF - Maxim Integrated Products

Part # MAX1182
Download  MAX1182 Click to download

File Size   510.19 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs

MAX1182 Datasheet (HTML) - Maxim Integrated Products


MAX1182 Product details

General Description
The MAX1182 is a 3V, dual 10-bit analog-to-digital converter (ADC) featuring fully-differential wideband trackand-hold (T/H) inputs, driving two pipelined, 9-stage ADCs. The MAX1182 is optimized for low-power, highdynamic performance applications in imaging, instrumentation and digital communication applications.

Features
♦ Single 3V Operation
♦ Excellent Dynamic Performance:
    59dB SNR at fIN = 20MHz
    77dB SFDR at fIN = 20MHz
♦ Low Power:
    65mA (Normal Operation)
    2.8mA (Sleep Mode)
    1µA (Shutdown Mode)
♦ 0.02dB Gain and 0.25° Phase Matching (typ)
♦ Wide ±1VP-P Differential Analog Input Voltage Range
♦ 400MHz -3dB Input Bandwidth
♦ On-Chip 2.048V Precision Bandgap Reference
♦ User-Selectable Output Format—Two’s Complement or Offset Binary
♦ 48-Pin TQFP Package with Exposed Pad for Improved Thermal Dissipation
♦ Evaluation Kit Available

Applications
    High Resolution Imaging
    I/Q Channel Digitization
    Multchannel IF Undersampling
    Instrumentation
    Video Application




Similar Part No. - MAX1182

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1182 MAXIM-MAX1182 Datasheet
497Kb / 9P
Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX1182ECM MAXIM-MAX1182ECM Datasheet
497Kb / 9P
Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
More results


Similar Description - MAX1182

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX1185 MAXIM-MAX1185 Datasheet
495Kb / 20P
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX1195 MAXIM-MAX1195 Datasheet
563Kb / 22P
Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 4/02
MAX1186 MAXIM-MAX1186 Datasheet
444Kb / 21P
Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 0; 12/01
MAX1184 MAXIM-MAX1184 Datasheet
504Kb / 21P
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 10/01
MAX1181 MAXIM-MAX1181 Datasheet
304Kb / 20P
Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 1; 2/07
MAX1185 MAXIM-MAX1185_10 Datasheet
299Kb / 21P
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 2; 4/10
MAX1185 MAXIM-MAX1185_11 Datasheet
359Kb / 21P
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 3; 5/11
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1197 MAXIM-MAX1197 Datasheet
544Kb / 22P
Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2002
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com