Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1185 Datasheet (PDF) - Maxim Integrated Products

MAX1185 Datasheet PDF - Maxim Integrated Products
Part # MAX1185
Download  MAX1185 Download
File Size   495.59 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs

MAX1185 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1185 Datasheet PDF - Maxim Integrated Products

Part # MAX1185
Download  MAX1185 Click to download

File Size   495.59 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs

MAX1185 Datasheet (HTML) - Maxim Integrated Products


MAX1185 Product details

General Description
The MAX1185 is a 3V, dual 10-bit analog-to-digital converter (ADC) featuring fully-differential wideband trackand-hold (T/H) inputs, driving two pipelined, nine-stage ADCs. The MAX1185 is optimized for low-power, high dynamic performance applications in imaging, instrumentation, and digital communication applications.

Features
♦ Single 3V Operation
♦ Excellent Dynamic Performance: 59.5dB SNR at fIN = 7.5MHz 74dB SFDR at fIN = 7.5MHz
♦ Low Power: 35mA (Normal Operation) 2.8mA (Sleep Mode) 1µA (Shutdown Mode)
♦ 0.02dB Gain and 0.25° Phase Matching
♦ Wide ±1Vp-p Differential Analog Input Voltage Range
♦ 400MHz, -3dB Input Bandwidth
♦ On-Chip 2.048V Precision Bandgap Reference
♦ Single 10-Bit Bus for Multiplexed, Digital Outputs
♦ User-Selectable Output Format—Two’s Complement or Offset Binary
♦ 48-Pin TQFP Package with Exposed Pad for Improved Thermal Dissipation

Applications
    High Resolution Imaging
    I/Q Channel Digitization
    Multichannel IF Sampling
    Instrumentation
    Video Application
    Ultrasound




Similar Part No. - MAX1185

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1185 MAXIM-MAX1185 Datasheet
299Kb / 21P
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 2; 4/10
MAX1185 MAXIM-MAX1185 Datasheet
359Kb / 21P
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 3; 5/11
MAX1185 MAXIM-MAX1185 Datasheet
497Kb / 9P
Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX1185ECM MAXIM-MAX1185ECM Datasheet
299Kb / 21P
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 2; 4/10
MAX1185ECM MAXIM-MAX1185ECM Datasheet
359Kb / 21P
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 3; 5/11
More results


Similar Description - MAX1185

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1196 MAXIM-MAX1196 Datasheet
635Kb / 23P
Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
19-2600; Rev 0; 9/02
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX1186 MAXIM-MAX1186 Datasheet
444Kb / 21P
Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 0; 12/01
MAX1184 MAXIM-MAX1184 Datasheet
504Kb / 21P
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 10/01
MAX1181 MAXIM-MAX1181 Datasheet
304Kb / 20P
Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 1; 2/07
MAX1185 MAXIM-MAX1185_10 Datasheet
299Kb / 21P
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 2; 4/10
MAX1185 MAXIM-MAX1185_11 Datasheet
359Kb / 21P
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 3; 5/11
MAX1182 MAXIM-MAX1182 Datasheet
510Kb / 21P
Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 7/01
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1197 MAXIM-MAX1197 Datasheet
544Kb / 22P
Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2002
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com