Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1448 Datasheet (PDF) - Maxim Integrated Products

MAX1448 Datasheet PDF - Maxim Integrated Products
Part # MAX1448
Download  MAX1448 Download
File Size   553.71 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit, 80Msps, Single 3.0V, Low-Power ADC with Internal Reference

MAX1448 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1448 Datasheet PDF - Maxim Integrated Products

Part # MAX1448
Download  MAX1448 Click to download

File Size   553.71 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit, 80Msps, Single 3.0V, Low-Power ADC with Internal Reference

MAX1448 Datasheet (HTML) - Maxim Integrated Products


MAX1448 Product details

General Description
The MAX1448 3V, 10-bit analog-to-digital converter (ADC) features a fully differential input, a pipelined 10-stage ADC architecture with wideband track-and-hold (T/H), and digital error correction incorporating a fully differential signal path. The ADC is optimized for low power, high dynamic performance in imaging and digital communications applications.

Features
♦ Single 3.0V Operation
♦ Excellent Dynamic Performance
   59dB SNR at fIN = 20MHz
   74dBc SFDR at fIN = 20MHz
♦ Low Power
   40mA (Normal Operation)
   5µA (Shutdown Mode)
♦ Fully Differential Analog Input
♦ Wide 2VP-P Differential Input Voltage Range
♦ 400MHz -3dB Input Bandwidth
♦ On-Chip 2.048V Precision Bandgap Reference
♦ CMOS-Compatible Three-State Outputs
♦ 32-Pin TQFP Package
♦ Evaluation Kit Available (MAX1448 EV Kit)

Applications
   Ultrasound Imaging
   CCD Imaging
   Baseband and IF Digitization
   Digital Set-Top Boxes
   Video Digitizing Applications




Similar Part No. - MAX1448

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14483 MAXIM-MAX14483 Datasheet
897Kb / 26P
6 Isolated Channels in a 20-SSOP Package
Rev 1; 02/18
MAX14483 MAXIM-MAX14483 Datasheet
1Mb / 11P
On-Board LEDs Indication of Device Ready for Communication
Rev 0; 1/18
MAX14483AAP+ MAXIM-MAX14483AAP+ Datasheet
1,022Kb / 26P
6-Channel, Low-Power, 3.75kVRMS, SPI Digital Isolator
2020
MAX14483EVKIT MAXIM-MAX14483EVKIT Datasheet
1Mb / 11P
On-Board LEDs Indication of Device Ready for Communication
Rev 0; 1/18
MAX14483 MAXIM-MAX14483_V01 Datasheet
1,022Kb / 26P
6-Channel, Low-Power, 3.75kVRMS, SPI Digital Isolator
2020
More results


Similar Description - MAX1448

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8763 PHILIPS-TDA8763 Datasheet
174Kb / 24P
10-bit high-speed low-power ADC with internal reference regulator
1999 Jan 06
TDA8764 PHILIPS-TDA8764 Datasheet
164Kb / 28P
10-bit high-speed low-power ADC with internal reference regulator
1999 Jan 12
logo
Maxim Integrated Produc...
MAX1420 MAXIM-MAX1420 Datasheet
313Kb / 17P
12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference
19-1981; Rev 0; 5/01
MAX1444 MAXIM-MAX1444 Datasheet
401Kb / 20P
10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 11/03
MAX1446 MAXIM-MAX1446 Datasheet
282Kb / 16P
10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 7/03
MAX1449 MAXIM-MAX1449 Datasheet
603Kb / 18P
10-Bit, 105Msps, Single 3.3V, Low-Power ADC with Internal Reference
Rev 0; 10/00
MAX1446-07 MAXIM-MAX1446-07 Datasheet
377Kb / 22P
10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07
MAX1181 MAXIM-MAX1181 Datasheet
304Kb / 20P
Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 1; 2/07
MAX1446 MAXIM-MAX1446_08 Datasheet
250Kb / 20P
10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 4; 11/08
MAX1444 MAXIM-MAX1444_V01 Datasheet
283Kb / 20P
10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com