Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1180 Datasheet (PDF) - Maxim Integrated Products

MAX1180 Datasheet PDF - Maxim Integrated Products
Part # MAX1180
Download  MAX1180 Download
File Size   573.67 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual 10-Bit, 105Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs

MAX1180 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1180 Datasheet PDF - Maxim Integrated Products

Part # MAX1180
Download  MAX1180 Click to download

File Size   573.67 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual 10-Bit, 105Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs

MAX1180 Datasheet (HTML) - Maxim Integrated Products


MAX1180 Product details

General Description
The MAX1180 is a 3.3V, dual 10-bit, analog-to-digital converter (ADC) featuring fully-differential wideband track-and-hold (T/H) inputs, driving two pipelined, nine stage ADCs. The MAX1180 is optimized for low-power, high-dynamic performance applications in imaging, instrumentation, and digital communication applications.

Features
♦ Single 3.3V Operation
♦ Excellent Dynamic Performance
    58.5dB SNR at fIN = 20MHz
    72dB SFDR at fIN = 20MHz
♦ SNR Flat within 1dB for fIN = 20MHz to 100MHz
♦ Low Power
    125mA (Normal Operation)
    2.8mA (Sleep Mode)
    1µA (Shutdown Mode)
♦ 0.02dB Gain and 0.25° Phase Matching (typ)
♦ Wide ±1VP-P Differential Analog Input Voltage Range
♦ 400MHz, -3dB Input Bandwidth
♦ On-Chip 2.048V Precision Bandgap Reference
♦ User-Selectable Output Format—Two’s Complement or Offset Binary
♦ 48-Pin TQFP Package with Exposed Pad for Improved Thermal Dissipation

Applications
    High Resolution Imaging
    I/Q Channel Digitization
    Multichannel IF Undersampling
    Instrumentation
    Video Application




Similar Part No. - MAX1180

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1180 MAXIM-MAX1180 Datasheet
497Kb / 9P
Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX11800 MAXIM-MAX11800 Datasheet
917Kb / 56P
Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 0; 7/09
MAX11800 MAXIM-MAX11800 Datasheet
899Kb / 57P
Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 2; 3/10
MAX11800 MAXIM-MAX11800 Datasheet
994Kb / 59P
Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 3; 10/10
MAX11800 MAXIM-MAX11800 Datasheet
3Mb / 18P
Direct Conversion Mode Demonstration Capability
Rev 0; 10/10
More results


Similar Description - MAX1180

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1198 MAXIM-MAX1198 Datasheet
557Kb / 22P
Dual, 8-Bit, 100Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
19-2412; Rev 0; 4/02
MAX1449 MAXIM-MAX1449 Datasheet
603Kb / 18P
10-Bit, 105Msps, Single 3.3V, Low-Power ADC with Internal Reference
Rev 0; 10/00
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX1185 MAXIM-MAX1185 Datasheet
495Kb / 20P
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX1190 MAXIM-MAX1190 Datasheet
739Kb / 21P
Dual 10-Bit, 120Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 7/02
MAX1184 MAXIM-MAX1184 Datasheet
504Kb / 21P
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 10/01
MAX1181 MAXIM-MAX1181 Datasheet
304Kb / 20P
Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 1; 2/07
MAX1182 MAXIM-MAX1182 Datasheet
510Kb / 21P
Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 7/01
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1190 MAXIM-MAX1190_V01 Datasheet
427Kb / 22P
Dual 10-Bit, 120Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com