Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX144 Datasheet (PDF) - Maxim Integrated Products

MAX144 Datasheet PDF - Maxim Integrated Products
Part # MAX144
Download  MAX144 Download
File Size   240.67 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX

MAX144 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX144 Datasheet PDF - Maxim Integrated Products

Part # MAX144
Download  MAX144 Click to download

File Size   240.67 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX

MAX144 Datasheet (HTML) - Maxim Integrated Products


MAX144 Product details

General Description
The MAX144/MAX145 low-power, 12-bit analog-to-digital converters (ADCs) are available in 8-pin µMAX® and DIP packages. Both devices operate with a single +2.7V to +5.25V supply and feature a 7.4µs successive-approximation ADC, automatic power-down, fast wake-up (2.5µs), an on-chip clock, and a high-speed, 3-wire serial interface.

Features
♦ Single-Supply Operation (+2.7V to +5.25V)
♦ Two Single-Ended Channels (MAX144) One
   Pseudo-Differential Channel (MAX145)
♦ Low Power
   0.9mA (108ksps, +3V Supply)
   100µA (10ksps, +3V Supply)
   10µA (1ksps, +3V Supply)
   0.2µA (Power-Down Mode)
♦ Internal Track/Hold
♦ 108ksps Sampling Rate
♦ SPI/QSPI/MICROWIRE-Compatible 3-Wire Serial
   Interface
♦ Space-Saving 8-Pin µMAX Package
♦ Pin-Compatible 10-Bit Versions Available

Applications
   Battery-Powered Systems
   Portable Data Logging
   Isolated Data Acquisition
   Process-Control Monitoring
   Instrumentation
   Test Equipment
   Medical Instruments
   System Supervision




Similar Part No. - MAX144

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX144 MAXIM-MAX144 Datasheet
969Kb / 16P
2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX1441 MAXIM-MAX1441 Datasheet
1Mb / 41P
Automotive, Two-Channel Proximity and Touch Sensor
Rev 0; 7/10
MAX1441EVSYS MAXIM-MAX1441EVSYS Datasheet
3Mb / 29P
Adaptive Firmware Source Code Included
Rev 1; 1/11
MAX1441EVSYS+ MAXIM-MAX1441EVSYS+ Datasheet
3Mb / 29P
Adaptive Firmware Source Code Included
Rev 1; 1/11
MAX1441GUP/V+ MAXIM-MAX1441GUP/V+ Datasheet
1Mb / 41P
Automotive, Two-Channel Proximity and Touch Sensor
Rev 0; 7/10
More results


Similar Description - MAX144

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1036 MAXIM-MAX1036 Datasheet
427Kb / 22P
2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1246 MAXIM-MAX1246 Datasheet
223Kb / 24P
2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
19-1071; Rev 1; 3/97
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1246 MAXIM-MAX1246_07 Datasheet
260Kb / 25P
2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Rev 2; 10/01
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com