Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1246 Datasheet (PDF) - Maxim Integrated Products

MAX1246 Datasheet PDF - Maxim Integrated Products
Part # MAX1246
Download  MAX1246 Download
File Size   223.69 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16

MAX1246 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1246 Datasheet PDF - Maxim Integrated Products

Part # MAX1246
Download  MAX1246 Click to download

File Size   223.69 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16

MAX1246 Datasheet (HTML) - Maxim Integrated Products


MAX1246 Product details

General Description
The MAX1246/MAX1247 12-bit data-acquisition systems combine a 4-channel multiplexer, high-bandwidth track/hold, and serial interface with high conversion speed and low power consumption. The MAX1246 operates from a single +2.7V to +3.6V supply; the MAX1247 operates from a single +2.7V to +5.25V supply. Both devices’ analog inputs are software configurable for unipolar/bipolar and single-ended/differential operation.

Features
♦ 4-Channel Single-Ended or 2-Channel
   Differential Inputs
♦ Single-Supply Operation:
   +2.7V to +3.6V (MAX1246)
   +2.7V to +5.25V (MAX1247)
♦ Internal 2.5V Reference (MAX1246)
♦ Low Power: 1.2mA (133ksps, 3V supply)
                       54µA (1ksps, 3V supply)
                       1µA (power-down mode)
♦ SPI/QSPI/MICROWIRE/TMS320-Compatible
   4-Wire Serial Interface
♦ Software-Configurable Unipolar or Bipolar Inputs
♦ 16-Pin QSOP Package (same area as 8-pin SO)

Applications
   Portable Data Logging
   Medical Instruments
   Pen Digitizers
   Data Acquisition
   Battery-Powered Instruments
   Process Control




Similar Part No. - MAX1246

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1246EVKIT MAXIM-MAX1246EVKIT Datasheet
116Kb / 8P
Convenient On-Board Test Points
Rev 1; 6/97
MAX1246EVKIT-QSOP MAXIM-MAX1246EVKIT-QSOP Datasheet
116Kb / 8P
Convenient On-Board Test Points
Rev 1; 6/97
MAX1246EVL11-QSOP MAXIM-MAX1246EVL11-QSOP Datasheet
116Kb / 8P
Convenient On-Board Test Points
Rev 1; 6/97
MAX1246 MAXIM-MAX1246_07 Datasheet
260Kb / 25P
2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Rev 2; 10/01
More results


Similar Description - MAX1246

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1036 MAXIM-MAX1036 Datasheet
427Kb / 22P
2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX1248 MAXIM-MAX1248 Datasheet
242Kb / 24P
2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Rev 2; 5/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1246 MAXIM-MAX1246_07 Datasheet
260Kb / 25P
2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Rev 2; 10/01
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com