Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV369 Datasheet (PDF) - Texas Instruments

TLV369 Datasheet PDF - Texas Instruments
Part # TLV369
Download  TLV369 Download
File Size   945.56 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLVx369 Cost-Optimized, 800-nA, 1.8-V, Rail-to-Rail I/O Operational Amplifier with Zero-Crossover Distortion

TLV369 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV369 Datasheet PDF - Texas Instruments

Part # TLV369
Download  TLV369 Click to download

File Size   945.56 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLVx369 Cost-Optimized, 800-nA, 1.8-V, Rail-to-Rail I/O Operational Amplifier with Zero-Crossover Distortion

TLV369 Datasheet (HTML) - Texas Instruments


TLV369 Product details

1 Features
1• Cost-Optimized Precision Amplifier nanoPower:
800 nA/Ch (Typ)
• Low Offset Voltage: 400 μV (Typ)
• Rail-to-Rail Input and Output
• Zero-Crossover Distortion
• Low Offset Drift: 0.5 μV/°C (Typ)
• Gain-Bandwidth Product: 12 kHz
• Supply Voltage: 1.8 V to 5.5 V
• microSize Packages: SC70-5, VSSOP-8

2 Applications
• Blood Glucose Meters
• Test Equipment
• Low-Power Sensor Signal Conditioning
• Portable Devices

3 Description
The TLV369 family of single and dual operational
amplifiers represents a cost-optimized generation of
1.8-V nanopower amplifiers.
With the zero-crossover distortion circuitry, these
amplifiers feature high linearity over the full commonmode
input range with no crossover distortion,
enabling true rail-to-rail input and operating from a
1.8-V to 5.5-V single supply. The family is also
compatible with industry-standard nominal voltages of
3.0 V, 3.3 V, and 5.0 V.
The TLV369 (single version) is offered in a 5-pin
SC70 package. The TLV2369 (dual version) comes in
8-pin VSSOP and SOIC packages.




Similar Part No. - TLV369

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV369 TI1-TLV369 Datasheet
1Mb / 27P
Cost-Optimized, 800-nA, 1.8-V, Rail-to-Rail I/O Operational Amplifier with Zero-Crossover Distortion
TLV369 TI2-TLV369 Datasheet
945Kb / 31P
TLVx369 Cost-Optimized, 800-nA, 1.8-V, Rail-to-Rail I/O Operational Amplifier with Zero-Crossover Distortion
MAY 2016
TLV3691 TI1-TLV3691 Datasheet
3Mb / 24P
0.9-V to 6.5-V, Nanopower Comparator
TLV3691 TI2-TLV3691 Datasheet
2Mb / 32P
TLV3691 0.9-V to 6.5-V, Nanopower Comparator
REVISED NOVEMBER 2015
TLV3691IDCKR TI1-TLV3691IDCKR Datasheet
3Mb / 29P
Nanopower Comparator
More results


Similar Description - TLV369

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4505-2 AD-ADA4505-2 Datasheet
708Kb / 20P
10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. 0
ADA4505-4 AD-ADA4505-4 Datasheet
825Kb / 20P
10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
REV. A
logo
Texas Instruments
OPA369 TI-OPA369 Datasheet
820Kb / 19P
1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA369 TI-OPA369_1 Datasheet
922Kb / 20P
1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
Analog Devices
ADA4500-2 AD-ADA4500-2_12 Datasheet
1Mb / 24P
10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. A
ADA4500-2 AD-ADA4500-2_13 Datasheet
1Mb / 25P
10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
logo
Texas Instruments
OPA369 TI-OPA369_15 Datasheet
1Mb / 23P
1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
TLV369 TI1-TLV369 Datasheet
1Mb / 27P
Cost-Optimized, 800-nA, 1.8-V, Rail-to-Rail I/O Operational Amplifier with Zero-Crossover Distortion
logo
Analog Devices
ADA4505-1 AD-ADA4505-1_16 Datasheet
846Kb / 24P
10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
Rev. D
ADA4500-2 AD-ADA4500-2_16 Datasheet
1Mb / 25P
10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com