Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV76015DBZR.B Datasheet (PDF) - Texas Instruments

TLV76015DBZR.B Datasheet PDF - Texas Instruments
Part # TLV76015DBZR.B
Download  TLV76015DBZR.B Download
File Size   979.19 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV760 100-mA, 30-V, Fixed-Output, Linear-Voltage Regulator

TLV76015DBZR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV76015DBZR.B Datasheet PDF - Texas Instruments

Part # TLV76015DBZR.B
Download  TLV76015DBZR.B Click to download

File Size   979.19 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV760 100-mA, 30-V, Fixed-Output, Linear-Voltage Regulator

TLV76015DBZR.B Datasheet (HTML) - Texas Instruments


TLV76015DBZR.B Product details

1 Features
• Wide Input Voltage Range up to 30 V
• Output Current up to 100 mA
• Available in Fixed Output Voltage 3.3-V, 5-V, 12-V
and 15-V Versions
• Operating Junction Temperature −40°C to +125°C
• Stable With Ceramic Capacitors Greater Than or
Equal to 0.1 μF
• Active Thermal Protection and Current Limit

2 Applications
• Post Regulator for Switching DC-DC Converter
• Bias Supply for Digital and Analog Circuits
• Home Appliances
• Power Tools
• Factory and Building Automation

3 Description
The TLV760 is an integrated linear-voltage regulator
featuring operation from an input as high as 30 V.
The TLV760 has a maximum dropout of 1.2 V at the
full 100-mA load across operating temperature.
Standard packaging for the TLV760 is the 3-pin SOT-
23 package.
The TLV760 is available in 3.3 V, 5 V, 12 V and 15 V.
The SOT-23 packaging of the TLV760 series allows
the device to be used in space-constrained
applications. The TLV760 is a small size alternative
to LM78Lxx series and similar devices.
The TLV760 is designed to bias digital and analog
circuits in applications that are subject to voltage
transients and spikes up to 30 V — for example,
appliances and automation applications. The device
has robust internal thermal protection, which protects
itself from potential damage caused by conditions like
short to ground, increases in ambient temperature,
high load, or high dropout events.




Similar Part No. - TLV76015DBZR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV76015DBZR TI1-TLV76015DBZR Datasheet
1Mb / 25P
100-mA, 30-V, Fixed-Output, Linear-Voltage Regulator
More results


Similar Description - TLV76015DBZR.B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4678 INFINEON-TLE4678 Datasheet
642Kb / 31P
Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.1, August 2009
TLE4275V33 INFINEON-TLE4275V33 Datasheet
319Kb / 12P
Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.0, 2006-09-22
logo
Texas Instruments
TPS7A4001-EP TI1-TPS7A4001-EP_16 Datasheet
996Kb / 23P
100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TLV760 TI1-TLV760 Datasheet
1Mb / 25P
100-mA, 30-V, Fixed-Output, Linear-Voltage Regulator
logo
ON Semiconductor
NCP781 ONSEMI-NCP781 Datasheet
168Kb / 14P
150 V, 100mA Very High Voltage Linear Regulator
April, 2017 ??Rev. 0
logo
Texas Instruments
TLV761 TI1-TLV761 Datasheet
304Kb / 16P
TLV761 16-V,1-A, Fixed Output Linear Voltage Regulator
logo
Infineon Technologies A...
TLE4678-2LD INFINEON-TLE4678-2LD Datasheet
2Mb / 33P
Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2014-03-03
TLE4699GM INFINEON-TLE4699GM Datasheet
1Mb / 31P
Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2010-11-30
logo
Texas Instruments
TLV761 TI-TLV761_V01 Datasheet
362Kb / 15P
TLV761 16-V,1-A, Fixed Output Linear Voltage Regulator
FEBRUARY 2020
LM78L TI1-LM78L Datasheet
1Mb / 35P
LM78L 100-mA Fixed Output Linear Regulator
JUNE 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com