Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP107 Datasheet (PDF) - Texas Instruments

TMP107 Datasheet PDF - Texas Instruments
Part # TMP107
Download  TMP107 Download
File Size   868.58 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP107 Digital Temperature Sensor With Bidirectional UART One-Wire Interface and EEPROM

TMP107 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP107 Datasheet PDF - Texas Instruments

Part # TMP107
Download  TMP107 Click to download

File Size   868.58 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP107 Digital Temperature Sensor With Bidirectional UART One-Wire Interface and EEPROM

TMP107 Datasheet (HTML) - Texas Instruments


TMP107 Product details

1 Features
1• High Accuracy (Without Calibration):
– ±0.4°C (max) from –20°C to +70°C
– ±0.55°C (max) from –40°C to +100°C
– ±0.7°C (max) from –55°C to +125°C
• High Resolution: 14 Bits (0.015625°C)
• UART-Compatible, SMAART Wire™ Interface:
– Allows Up To 32 Daisy-Chained Devices
• EEPROM Memory for Unique Addressing, Trip
Level Programming, and General-Purpose
Storage
• Continuous Conversion and Shutdown Mode for
Power Savings
• One-Shot Conversion Mode for Custom Update
Rates and Power Savings
• Programmable Alert Feature
• Operating Temperature Range: –55°C to +125°C
• Operating Supply Range: 1.7 V to 5.5 V
• Package: SOIC-8

2 Applications
• Cold-Chain Logistics
• Distributed Temperature Sensing
• Power-Supply and Battery Thermal Protection
• Servers and Telecommunication Systems
• Building Automation and HVAC
• Agricultural Equipment
• Medical Devices
• Industrial Process Control

3 Description
The TMP107 digital output temperature sensor
supports a total of 32 daisy-chained devices. Each
sensor has a unique 5-bit address stored in
electrically-erasable programmable memory
(EEPROM). The TMP107 is capable of reading
temperatures with a resolution of 0.015625°C, and is
accurate to within ±0.4°C in the range from –20°C to
+70°C. The TMP107 is ideal for replacing NTC and
PTC thermistors where high accuracy is required.
The unique 5-bit address stored in the EEPROM is
determined during the automated address
assignment operation, and is based on the position of
each sensor relative to the SMAART wire host.
Multiple operating modes provide maximum flexibility
in selecting between low power consumption for
battery operation, and high update rates for real-time
control applications.
The TMP107 is ideal for extended temperature
measurement in a variety of industrial,
instrumentation, communication, and environmental
applications. The TMP107 is available in an 8-pin
SOIC package and is specified for operation over a
temperature range of −55°C to +125°C.




Similar Part No. - TMP107

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP107 TI-TMP107 Datasheet
971Kb / 40P
TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
TMP107 TI-TMP107 Datasheet
431Kb / 39P
TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
TMP107 TI2-TMP107 Datasheet
673Kb / 40P
TMP107-Q1 Automotive Grade, ±0.4°C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
REVISED OCTOBER 2015
TMP107-Q1 TI-TMP107-Q1 Datasheet
431Kb / 39P
TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
TMP107-Q1 TI2-TMP107-Q1 Datasheet
673Kb / 40P
TMP107-Q1 Automotive Grade, ±0.4°C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
REVISED OCTOBER 2015
More results


Similar Description - TMP107

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
BQ2028 TI-BQ2028 Datasheet
892Kb / 26P
4Kb EEPROM with Single-Wire HDQ Interface and Temperature Sensor
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
Digital Temperature Sensor with Two-Wire Interface
TMP107 TI-TMP107 Datasheet
971Kb / 40P
TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
TMP107-Q1 TI-TMP107-Q1 Datasheet
431Kb / 39P
TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
TMP144 TI1-TMP144 Datasheet
413Kb / 27P
Low-Power, Digital Temperature Sensor With SMAART Wire / UART Interface
TMP144 TI-TMP144_V01 Datasheet
1Mb / 37P
TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
TMP144 TI-TMP144_V02 Datasheet
2Mb / 37P
TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
TMP144 TI-TMP144_V03 Datasheet
1Mb / 41P
TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire™ / UART Interface
REVISED SEPTEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com