Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP107 Datasheet (PDF) - Texas Instruments

TMP107 Datasheet PDF - Texas Instruments
Part # TMP107
Download  TMP107 Download
File Size   673.95 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP107-Q1 Automotive Grade, ±0.4°C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function

TMP107 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP107 Datasheet PDF - Texas Instruments

Part # TMP107
Download  TMP107 Click to download

File Size   673.95 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP107-Q1 Automotive Grade, ±0.4°C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function

TMP107 Datasheet (HTML) - Texas Instruments


TMP107 Product details

1 Features
1• AEC-Q100 Qualified with:
– Temperature Grade 1: –40°C to +125°C
Ambient Operating Temperature Range
– Device HBM ESD Classification Level 2
– Device CDM ESD Classification Level C6
• High Accuracy (Without Calibration):
– ±0.4°C (max) from –20°C to +70°C
– ±0.55°C (max) from –40°C to +100°C
– ±0.7°C (max) from –55°C to +125°C
• High Resolution: 14 Bits (0.015625°C)
• UART-Compatible, SMAART Wire™ Interface:
– Allows Up To 32 Daisy-Chained Devices
• EEPROM Memory for Unique Addressing, Trip
Level Programming, and General-Purpose
Storage
• Continuous Conversion and Shutdown Mode for
Power Savings
• One-Shot Conversion Mode for Custom Update
Rates and Power Savings
• Programmable Alert Feature
• Operating Temperature Range: –55°C to +125°C
• Operating Supply Range: 1.7 V to 5.5 V
• Package: SOIC-8

2 Applications
• Battery Management Systems (BMSs)
• Distributed Temperature Sensing
• Hybrid, Electric, and Power-Train Systems
• Body Control Modules (BCMs)
• Building Automation and HVACs
• Engine Control Units
• Infotainment Processor Management
• Diesel Urea Tanks

3 Description
The TMP107-Q1 digital output temperature sensor supports a total of 32 daisy-chained devices. Each
sensor has a unique 5-bit address stored in
electrically-erasable programmable memory
(EEPROM). The TMP107-Q1 is capable of reading
temperatures with a resolution of 0.015625°C, and is
accurate to within ±0.4°C in the range from –20°C to
+70°C. The TMP107-Q1 is ideal for replacing NTC and PTC thermistors where high accuracy is required.




Similar Part No. - TMP107

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP107 TI-TMP107 Datasheet
971Kb / 40P
TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
TMP107 TI-TMP107 Datasheet
431Kb / 39P
TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
TMP107 TI2-TMP107 Datasheet
868Kb / 41P
TMP107 Digital Temperature Sensor With Bidirectional UART One-Wire Interface and EEPROM
REVISED JANUARY 2020
TMP107-Q1 TI-TMP107-Q1 Datasheet
431Kb / 39P
TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
TMP107-Q1 TI2-TMP107-Q1 Datasheet
868Kb / 41P
TMP107 Digital Temperature Sensor With Bidirectional UART One-Wire Interface and EEPROM
REVISED JANUARY 2020
More results


Similar Description - TMP107

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2996 LINER-LTC2996_15 Datasheet
236Kb / 16P
Temperature Sensor with Alert Outputs
logo
Texas Instruments
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP107 TI-TMP107 Datasheet
971Kb / 40P
TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
TMP107-Q1 TI-TMP107-Q1 Datasheet
431Kb / 39P
TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
logo
STMicroelectronics
EVAL6472H STMICROELECTRONICS-EVAL6472H Datasheet
1Mb / 11P
SPI with daisy chain feature
21-Mar-2012
STEVAL-IKM001V1 STMICROELECTRONICS-STEVAL-IKM001V1 Datasheet
84Kb / 3P
SPI with daisy-chain feature
20-Jan-2014
logo
Texas Instruments
TMP100-Q1 TI1-TMP100-Q1_17 Datasheet
414Kb / 29P
Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP126-Q1 TI-TMP126-Q1_V02 Datasheet
2Mb / 53P
TMP126-Q1 Automotive Grade, 0.25 째C SPI Temperature Sensor With 175 째C Operation, CRC and Slew Rate Alert
MARCH 2022
TMP126-Q1 TI-TMP126-Q1_V03 Datasheet
1Mb / 48P
TMP126-Q1 Low-Power, 0.25°C SPI Temperature Sensor With 175°C Operation, CRC and Slew Rate Alert
REVISED JUNE 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com