Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL6472H Datasheet (PDF) - STMicroelectronics

EVAL6472H Datasheet PDF - STMicroelectronics
Part # EVAL6472H
Download  EVAL6472H Download
File Size   1181.92 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SPI with daisy chain feature

EVAL6472H Datasheet (PDF)

Go To PDF Page Download Datasheet
EVAL6472H Datasheet PDF - STMicroelectronics

Part # EVAL6472H
Download  EVAL6472H Click to download

File Size   1181.92 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SPI with daisy chain feature

EVAL6472H Datasheet (HTML) - STMicroelectronics


EVAL6472H Product details

Description
The EVAL6472H demonstration board is a fully integrated microstepping motor driver. In combination with the STEVAL-PCC009V2 communication board and the dSPIN evaluation software, the board allows the user to investigate all the features of the L6472 device. In particular, the board can be used to regulate the L6472 parameters in order to fit application requirements. The EVAL6472H supports the daisy chain configuration making it suitable for the evaluation of the L6472 in the multi-motor applications. EVAL6472H

Features
■ Voltage range from 8 V to 45 V
■ Phase current up to 3 Ar.m.s.
■ SPI with daisy chain feature
■ SW input
■ FLAG and BUSY LED indicators
■ Adjustable supply voltage compensation
■ Suitable for use in combination with STEVAL- PCC009V2




Similar Part No. - EVAL6472H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL6470 STMICROELECTRONICS-EVAL6470 Datasheet
250Kb / 11P
Fully integrated microstepping motor driver using the L6470
22-Mar-2010
EVAL6470H STMICROELECTRONICS-EVAL6470H Datasheet
743Kb / 70P
dSPIN fully integrated microstepping motor driver with motion engine and SPI
20-Dec-2012
EVAL6474H STMICROELECTRONICS-EVAL6474H Datasheet
1Mb / 10P
Stepper motor driver mounting the L6474
02-Feb-2012
More results


Similar Description - EVAL6472H

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
8143 MAXWELL-8143 Datasheet
786Kb / 24P
12-Bit Serial Daisy Chain D/A Converter
logo
White Electronic Design...
WEDPDC3225-B WEDC-WEDPDC3225-B Datasheet
180Kb / 3P
25X32MM Daisy-Chain PBGA
logo
Actel Corporation
YPKG-62CG-7973DC ACTEL-YPKG-62CG-7973DC Datasheet
1Mb / 8P
CG624 32.5x32.5mm, 1.27mm pitch Daisy Chain Package Drawing
logo
ON Semiconductor
CM6100 ONSEMI-CM6100 Datasheet
100Kb / 6P
0.4mm Pitch Daisy Chain
May 2010 Rev. 6
logo
Analog Devices
DAC8143EQ AD-DAC8143EQ Datasheet
163Kb / 12P
12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
logo
Xilinx, Inc
DS402 XILINX-DS402 Datasheet
375Kb / 9P
Daisy-chain connections for the DCR data bus
logo
List of Unclassifed Man...
P3200-C-S-12 ETC2-P3200-C-S-12 Datasheet
672Kb / 2P
Daisy chain or individual placement
logo
STMicroelectronics
STEVAL-IKM001V1 STMICROELECTRONICS-STEVAL-IKM001V1 Datasheet
84Kb / 3P
SPI with daisy-chain feature
20-Jan-2014
logo
Linear Technology
LTC6812-1 LINER-LTC6812-1 Datasheet
636Kb / 20P
Daisy Chain isoSPI Battery-Stack Monitor
logo
Analog Devices
ADBMS1818 AD-ADBMS1818 Datasheet
5Mb / 89P
18-Cell Battery Monitor with Daisy Chain Interface
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com