Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8143 Datasheet (PDF) - Maxwell Technologies

8143 Datasheet PDF - Maxwell Technologies
Part # 8143
Download  8143 Download
File Size   786.14 Kbytes
Page   24 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description 12-Bit Serial Daisy Chain D/A Converter

8143 Datasheet (PDF)

Go To PDF Page Download Datasheet
8143 Datasheet PDF - Maxwell Technologies

Part # 8143
Download  8143 Click to download

File Size   786.14 Kbytes
Page   24 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description 12-Bit Serial Daisy Chain D/A Converter

8143 Datasheet (HTML) - Maxwell Technologies


8143 Product details

DESCRIPTION:
Maxwell Technologies’ 8143 is a 12-bit serial-input daisy-chain CMOS digital-to-analog converter (DAC) that features serial data input and buffered serial data output and a greater than 50 krad (Si) total dose tolerance, dependent upon space mission. It was designed for multiple serial DAC systems, where serially daisy-chaining one DAC after another is greatly simplified. The 8143 also minimizes address decoding lines enabling simpler logic interfacing. It allows three-wire interface for any number of DACs: one data line, one CLK line and one load line. Serial data in the input register (MSB first) is sequentially clocked out to the SRO pin as the new data word (MSB first) is simultaneously clocked in from the SRI pin. The strobe inputs are used to clock in/out data on the rising or falling (user selected) strobe edges (STB1, STB2, STB3, STB4). When the shift register’s data has been updated, the new data word is transferred to the DAC register with use of LO1 and LD2 inputs.

FEATURES:
• Microprocessor interfacing in serially controlled systems
• Buffered digital output pin for daisy-chaining multiple DACs
• Minimizes address-decoding in multiple DAC systems -
   three wire interface for any number of DACs
   - One data line
   - One CLK line
   - One load line
• Fast interface timing reduces timing design considerations
   while minimizing microprocessor wait states.
• Improved resistance to ESD
• RAD-PAK® radiation-hardened against natural space
   radiation
• Total dose hardness:
   - > 50 Krad (Si), depending upon space mission
• Package:
   - 16 pin RAD-PAK® flat pack
• Operating temperature: -40 to 85°C




Similar Part No. - 8143

ManufacturerPart #DatasheetDescription
logo
Bi technologies
8143 BITECH-8143 Datasheet
217Kb / 4P
Precision Potentiometer / Position Sensor
logo
Keystone Electronics Co...
8143 KEYSTONE-8143 Datasheet
279Kb / 1P
METAL CABLE CLAMPS
31-07 20th
logo
Unisonic Technologies
8143-AB3-D-B UTC-8143-AB3-D-B Datasheet
201Kb / 6P
POWER RESET IC
8143-AB3-D-K UTC-8143-AB3-D-K Datasheet
201Kb / 6P
POWER RESET IC
8143-AB3-D-R UTC-8143-AB3-D-R Datasheet
201Kb / 6P
POWER RESET IC
More results


Similar Description - 8143

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8043A AD-DAC8043A Datasheet
137Kb / 8P
12-Bit Serial Input Multiplying D/A Converter
REV.0
DAC8143 AD-DAC8143 Datasheet
181Kb / 12P
12-Bit Serial Daisy-Chain CMOS D/A Converter
REV.C
logo
Maxim Integrated Produc...
MAX170 MAXIM-MAX170 Datasheet
453Kb / 12P
Serial Output 5.6us 12-Bit A/D Converter
logo
White Electronic Design...
WEDPDC3225-B WEDC-WEDPDC3225-B Datasheet
180Kb / 3P
25X32MM Daisy-Chain PBGA
logo
ON Semiconductor
CM6100 ONSEMI-CM6100 Datasheet
100Kb / 6P
0.4mm Pitch Daisy Chain
May 2010 Rev. 6
logo
Analog Devices
DAC8043AFSZ AD-DAC8043AFSZ Datasheet
680Kb / 8P
12-Bit Serial Input Multiplying D/A Converter
REV. B
DAC8143EQ AD-DAC8143EQ Datasheet
163Kb / 12P
12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
DAC8143EQ AD-DAC8143EQ Datasheet
163Kb / 12P
12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
DAC8043A AD-DAC8043A_15 Datasheet
700Kb / 8P
12-Bit Serial Input Multiplying D/A Converter
REV. B
DAC8143 AD-DAC8143_15 Datasheet
185Kb / 12P
12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
More results




About Maxwell Technologies


Maxwell Technologies, Inc. was an American company that specialized in the design and manufacture of energy storage and power delivery solutions.

The company was founded in 1965 and had its headquarters in San Diego, California.

Maxwell Technologies offered a wide range of products including ultracapacitors, high-voltage capacitors, and microelectronic components.

These products were used in a variety of applications, including transportation, renewable energy systems, and industrial equipment.

In 2019, Maxwell Technologies was acquired by Tesla, Inc., and its products are now part of Tesla's energy storage and power delivery solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com