Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8143 Datasheet (PDF) - Analog Devices

DAC8143 Datasheet PDF - Analog Devices
Part # DAC8143
Download  DAC8143 Download
File Size   181.7 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit Serial Daisy-Chain CMOS D/A Converter

DAC8143 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8143 Datasheet PDF - Analog Devices

Part # DAC8143
Download  DAC8143 Click to download

File Size   181.7 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit Serial Daisy-Chain CMOS D/A Converter

DAC8143 Datasheet (HTML) - Analog Devices


DAC8143 Product details

GENERAL INFORMATION
The DAC8143 is a 12-bit serial-input daisy-chain CMOS D/A converter that features serial data input and buffered serial data output. It was designed for multiple serial DAC systems, where serially daisy-chaining one DAC after another is greatly simplified.
   
FEATURES
    Fast, Flexible, Microprocessor Interfacing in Serially
        Controlled Systems
    Buffered Digital Output Pin for Daisy-Chaining
        Multiple DACs
    Minimizes Address-Decoding in Multiple DAC
        Systems—Three-Wire Interface for Any Number of DACs
            One Data Line
            One CLK Line
            One Load Line
    Improved Resistance to ESD
    –40°C to +85°C for the Extended Industrial Temperature
        Range
   
APPLICATIONS
    Multiple-Channel Data Acquisition Systems
    Process Control and Industrial Automation
    Test Equipment
    Remote Microprocessor-Controlled Systems
   




Similar Part No. - DAC8143

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8143 AD-DAC8143 Datasheet
163Kb / 12P
12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
DAC8143 AD-DAC8143 Datasheet
163Kb / 12P
12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
DAC8143EQ AD-DAC8143EQ Datasheet
163Kb / 12P
12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
DAC8143EQ AD-DAC8143EQ Datasheet
163Kb / 12P
12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
DAC8143FP AD-DAC8143FP Datasheet
163Kb / 12P
12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
More results


Similar Description - DAC8143

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8043A AD-DAC8043A Datasheet
137Kb / 8P
12-Bit Serial Input Multiplying D/A Converter
REV.0
logo
Intersil Corporation
CDP68HC68A2 INTERSIL-CDP68HC68A2 Datasheet
87Kb / 14P
CMOS Serial 10-Bit A/D Converter
July 1998
logo
Maxim Integrated Produc...
MX7541 MAXIM-MX7541 Datasheet
179Kb / 4P
CMOS 12 Bit Multiplying D/A Converter
19-0940; Rev 1; 7/95
MX7541A MAXIM-MX7541A Datasheet
317Kb / 8P
CMOS 12 Bit Multiplying D/A Converter
19-0941; Rev 2; 7/95
logo
Maxwell Technologies
8143 MAXWELL-8143 Datasheet
786Kb / 24P
12-Bit Serial Daisy Chain D/A Converter
logo
Intersil Corporation
CDP68HC68A2 INTERSIL-CDP68HC68A2_02 Datasheet
655Kb / 15P
CMOS Serial 10-Bit A/D Converter
April 2002
logo
Analog Devices
DAC8143EQ AD-DAC8143EQ Datasheet
163Kb / 12P
12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
DAC8143EQ AD-DAC8143EQ Datasheet
163Kb / 12P
12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
DAC8043A AD-DAC8043A_15 Datasheet
700Kb / 8P
12-Bit Serial Input Multiplying D/A Converter
REV. B
DAC8143 AD-DAC8143_15 Datasheet
185Kb / 12P
12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com