Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8143 Datasheet(PDF) 2 Page - Maxwell Technologies

Part # 8143
Description  12-Bit Serial Daisy Chain D/A Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

8143 Datasheet(HTML) 2 Page - Maxwell Technologies

  8143 Datasheet HTML 1Page - Maxwell Technologies 8143 Datasheet HTML 2Page - Maxwell Technologies 8143 Datasheet HTML 3Page - Maxwell Technologies 8143 Datasheet HTML 4Page - Maxwell Technologies 8143 Datasheet HTML 5Page - Maxwell Technologies 8143 Datasheet HTML 6Page - Maxwell Technologies 8143 Datasheet HTML 7Page - Maxwell Technologies 8143 Datasheet HTML 8Page - Maxwell Technologies 8143 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
All data sheets are subject to change without notice
©2003 Maxwell Technologies.
All rights reserved.
12-Bit Serial Daisy-Chain D/A Converter
8143
07.23.03 REV 3
TABLE 1. 8143 PINOUT DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1I
OUT1
Analog Out 1
2I
OUT2
Analog Out 2
3
AGND
Analog Ground
4STB
1
Strobe 1
5LD
1
DAC Register Load 1
6
SRO
Serial Data Out
7
SRI
Serial Data In
8
STB2
Strobe 2
9LD
2
DAC Register Load 2
10
STB
3
Strobe 3
11
STB
4
Strobe 4
12
DGND
Digital Groundr
13
CLR
DAC Register Clear
14
V
DD
Positive Supply
15
V
REF
Voltage Reference
16
R
FB
Feedback
TABLE 2. 8143 ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNIT
V
DD to DGND
--
17
V
V
REF to DGND
-25
25
V
V
RFB to DGND
-25
25
V
AGND to DGND
--
V
DD + 0.3
V
DGND to AGND
--
V
DD + 0.3
V
Digital Input Voltage Range
-0.3
V
DD
V
Output Voltage (Pin 1, Pin 2)
-0.3
V
DD
V
Operating Temperature Range
T
A
-40
85
°C
Thermal Impedance
Θ
JC
--
14.13
°C/W
Package Weight
-
3
Grams
Storage Temperature
T
STG
-65
150
°C
Lead Temperature (Soldering, 60 sec)
T
L
--
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com