Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8143 Datasheet(PDF) 13 Page - Maxwell Technologies

Part # 8143
Description  12-Bit Serial Daisy Chain D/A Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

8143 Datasheet(HTML) 13 Page - Maxwell Technologies

Back Button 8143 Datasheet HTML 9Page - Maxwell Technologies 8143 Datasheet HTML 10Page - Maxwell Technologies 8143 Datasheet HTML 11Page - Maxwell Technologies 8143 Datasheet HTML 12Page - Maxwell Technologies 8143 Datasheet HTML 13Page - Maxwell Technologies 8143 Datasheet HTML 14Page - Maxwell Technologies 8143 Datasheet HTML 15Page - Maxwell Technologies 8143 Datasheet HTML 16Page - Maxwell Technologies 8143 Datasheet HTML 17Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
All data sheets are subject to change without notice
©2003 Maxwell Technologies.
All rights reserved.
12-Bit Serial Daisy-Chain D/A Converter
8143
07.23.03 REV 3
FIGURE 14. SIMPLIFIED CIRCUIT
Where R
O is a function of the digital code, and:
R
O = 10 kΩ for more than four bits of Logic 1,
R
O = 30 kΩ for any single bit of Logic 1.
Therefore, the offset gain varies as follows:
at code 0011 1111 1111,
at code 0100 0000 0000,
The error difference is 2/3 V
OS.
Since one LSB has a weight (for V
REF = 10V) of 2.4 mV for the 8143, it is clearly important that VOS be minimized,
using either the amplifier’s pulling pins, an external pulling network, or by selection of an amplifier with inherently low
V
OS. Amplifiers with sufficiently low VOS include OP77, OP07 and OP27.
Interface Logic Operation
The microprocessor interface of the 8143 has been designed with multiple STROBE and LOAD inputs to maximize
interfacing options. Control signals decoding may be done on chip or with the use of external decoding circuitry (see
Figure 21).
Serial data is clocked into the input register and buffered output stage with STB
1, STB2, or STB4. The strobe inputs are
active on the rising edge. STB
3 may be used with a falling edge clock data.
Serial data output (SRO) follows the serial data input (SRI) by 12 clocked bits.
Holding any STROBE input at its selected state (i.e., STB
1, STB2, or STB4 at logic HIGH or STB3 at logic LOW) will act
to prevent any further data input.
When a new data word has been entered into the input register, it is transferred to the DAC register by asserting both
LOAD inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com