Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP20 Datasheet (PDF) - Texas Instruments

TMP20 Datasheet PDF - Texas Instruments
Part # TMP20
Download  TMP20 Download
File Size   915.73 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP20 ±2.5°C Low-Power, Analog Out Temperature Sensor

TMP20 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP20 Datasheet PDF - Texas Instruments

Part # TMP20
Download  TMP20 Click to download

File Size   915.73 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP20 ±2.5°C Low-Power, Analog Out Temperature Sensor

TMP20 Datasheet (HTML) - Texas Instruments


TMP20 Product details

1 Features
1• ±2.5°C Accuracy from –55°C to +130°C
• Supply Voltage Range: 1.8 V to 5.5 V
• Low Power: 4 μA (Maximum)
• MicroSize Packages: SOT-563, SC70-5
• SC70 Pin-Compatible With LM20

2 Applications
• Cell Phones
• Desktop and Notebook Computers
• Portable Devices
• Consumer Electronics
• Battery Management
• Power Supplies
• HVAC
• Thermal Monitoring
• Disk Drives
• Appliances and White Goods
• Automotive

3 Description
The TMP20 device is a CMOS, precision analog
output temperature sensor available in the tiny SOT-
563 package. The TMP20 operates from –55°C to
+130°C on a supply voltage of 2.7 V to 5.5 V with a
supply current of 4 μA. Operation as low as 1.8 V is
possible for temperatures between 15°C and 130°C.
The linear transfer function has a slope of –11.77
mV/°C (typical) and an output voltage of 1.8639 V
(typical) at 0°C. The TMP20 has a ±2.5°C accuracy
across the entire specified temperature range of
–55°C to +130°C.
The 4-μA (maximum) supply current of the TMP20
limits self-heating of the device to less than 0.01°C.
When V+ is less than 0.5 V, the device is in
shutdown mode and consumes less than 20 nA
(typical).
The TMP20 is available in a 5-lead SC70 or 6-lead
SOT-563 package that reduces the overall required
board space.




Similar Part No. - TMP20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP20 TI1-TMP20 Datasheet
966Kb / 18P
짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
TMP20AIDCKR TI1-TMP20AIDCKR Datasheet
966Kb / 18P
짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
TMP20AIDCKT TI1-TMP20AIDCKT Datasheet
966Kb / 18P
짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
TMP20AIDRLR TI1-TMP20AIDRLR Datasheet
966Kb / 18P
짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
TMP20AIDRLT TI1-TMP20AIDRLT Datasheet
966Kb / 18P
짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
More results


Similar Description - TMP20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM20 FAIRCHILD-FM20 Datasheet
357Kb / 9P
Ultra-Low-Power Analog Temperature Sensor
logo
Maxim Integrated Produc...
MAX6605 MAXIM-MAX6605 Datasheet
130Kb / 5P
Low-Power Analog Temperature Sensor in SC70 Package
Rev 0; 10/00
MAX6605 MAXIM-MAX6605_08 Datasheet
97Kb / 6P
Low-Power Analog Temperature Sensor in SC70 Package
Rev 2; 11/08
MAX6605 MAXIM-MAX6605_09 Datasheet
125Kb / 6P
Low-Power Analog Temperature Sensor in SC70 Package
Rev 3; 12/09
logo
Texas Instruments
TMP20 TI1-TMP20 Datasheet
966Kb / 18P
짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP275AIDR TI-TMP275AIDR Datasheet
832Kb / 19P
0.5 C Digital Out Temperature Sensor
TMP20 TI-TMP20_15 Datasheet
1Mb / 19P
짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
TMP9A00-EP TI-TMP9A00-EP Datasheet
1Mb / 21P
TMP9A00-EP 짹2.5 째C Low-Power, Analog Out Temperature Sensor
TMP9A00-EP TI-TMP9A00-EP_V01 Datasheet
1Mb / 23P
TMP9A00-EP ±2.5 °C Low-Power, Analog Out Temperature Sensor
REVISED FEBRUARY 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com