Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP20 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMP20
Description  TMP20 ±2.5°C Low-Power, Analog Out Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP20 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP20 Datasheet HTML 5Page - Texas Instruments TMP20 Datasheet HTML 6Page - Texas Instruments TMP20 Datasheet HTML 7Page - Texas Instruments TMP20 Datasheet HTML 8Page - Texas Instruments TMP20 Datasheet HTML 9Page - Texas Instruments TMP20 Datasheet HTML 10Page - Texas Instruments TMP20 Datasheet HTML 11Page - Texas Instruments TMP20 Datasheet HTML 12Page - Texas Instruments TMP20 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
OUT
V
11.77 mV / C
T
1.8576 V
q u
OUT
MAX
OUT
MAX
E
9
7
9
7
± P
7
7
u
6
P
7 ±
u
u
OUT
V
11.69 mV / C
T
1.8863 V
q u
6
2
2
OUT
V
3.88
10
T
1.15
10
T
1.8639 V
u
u
u
u
9
TMP20
www.ti.com
SBOS466B – DECEMBER 2009 – REVISED DECEMBER 2018
Product Folder Links: TMP20
Submit Documentation Feedback
Copyright © 2009–2018, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Transfer Function
The analog output of the TMP20 over the –55°C to +130°C temperature range corresponds to the parabolic
transfer function shown in
Added Receiving Notification of Documentation Updates section:
Where:
•
the temperature (T) is in °C.
(1)
When solving for temperature, the equation is shown as Equation 2:
(2)
These equations apply over the entire operating range of –55°C to +130°C.
A simplified linear transfer function referenced at 25°C is shown in Equation 3:
(3)
Linear transfer functions are calculated for limited temperature ranges by calculating the slope and offset for that
limited range, where slope is calculated by Equation 4:
Where:
•
T equals the temperature at the middle of the temperature range of interest
(4)
The offset in the linear transfer function is calculated with Equation 5:
where
•
VOUT(TMAX) is the calculated output voltage at TMAX as determined from
Added Receiving Notification of Documentation Updates section.
(5)
VOUT(T) is the calculated output voltage at T as calculated by
Added Receiving Notification of Documentation Updates section.
7.3.1.1 Example 1
Determine the linear transfer function for –40°C to +110°C.
TMIN = –40°C; TMAX = 110°C; therefore, T = 35°C
m = –11.77mV/°C
VOUT (110°C) = 0.5520 V
VOUT (35°C) = 1.4566 V
b = 1.8576 V
The linear transfer function for –40°C to +110°C is shown in Equation 6:
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com