Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP20 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP20
Description  TMP20 ±2.5°C Low-Power, Analog Out Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP20 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP20 Datasheet HTML 9Page - Texas Instruments TMP20 Datasheet HTML 10Page - Texas Instruments TMP20 Datasheet HTML 11Page - Texas Instruments TMP20 Datasheet HTML 12Page - Texas Instruments TMP20 Datasheet HTML 13Page - Texas Instruments TMP20 Datasheet HTML 14Page - Texas Instruments TMP20 Datasheet HTML 15Page - Texas Instruments TMP20 Datasheet HTML 16Page - Texas Instruments TMP20 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
VOUT
V+
NC
GND
GND
NC
13
TMP20
www.ti.com
SBOS466B – DECEMBER 2009 – REVISED DECEMBER 2018
Product Folder Links: TMP20
Submit Documentation Feedback
Copyright © 2009–2018, Texas Instruments Incorporated
9 Power Supply Recommendations
The low supply current and supply range of 1.8 V to 5.5 V enable the TMP20 to be powered from multiple supply
sources.
Power supply bypassing is optional and is typically dependent on the noise of the power supply. In noisy
systems, adding bypass capacitors may be necessary to decrease the noise that couples to the output of the
TMP20.
10 Layout
10.1 Layout Guidelines
The substrate on the TMP20AIDCK package is directly connected through conductive epoxy to the flag that
connects pin 2 on the lead frame. Consequently, pin 2 is the best lead for a conductive thermal connection to the
TMP20 die. The optimal electrical connection for this pin is ground (GND).
CAUTION
Do not attempt to connect pin 2 (DCK package) to any electrical potential other than
ground.
If it is not possible to connect pin 2 to ground, it is possible to electrically isolate this pin (that is, leave it floating).
Take care when electrically isolating this pin because any noise or electromagnetic interference or radio
frequency interference (EMI or RFI) spikes that couple in through this pin can cause erroneous temperature
results.
shows a proper layout of the TMP20 with correct electrical and thermal connections to pin 2.
10.2 Layout Example
Figure 14 shows a layout of the TMP20 with proper electrical and thermal connections to pin 2.
Figure 14. TMP20 Layout With Proper Electrical and Thermal Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com