Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP236 Datasheet (PDF) - Texas Instruments

TMP236 Datasheet PDF - Texas Instruments
Part # TMP236
Download  TMP236 Download
File Size   795.64 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP23x Low-Power, High-Accuracy Analog Output Temperature Sensors

TMP236 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP236 Datasheet PDF - Texas Instruments

Part # TMP236
Download  TMP236 Click to download

File Size   795.64 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP23x Low-Power, High-Accuracy Analog Output Temperature Sensors

TMP236 Datasheet (HTML) - Texas Instruments


TMP236 Product details

1 Features
• Cost-effective alternative to thermistors
• Tight accuracy across a wide temperature range:
– ±2.5°C (maximum): –40°C to +150°C
(TMP235)
– ±2.5°C (maximum): –10°C to +125°C
(TMP236)
• Available in two accuracy level variants:
– A2 level: ±0.5°C (typical)
– A4 level: ±1°C (typical)
• Positive slope sensor gain, offset (typical):
– 10 mV/°C, 500 mV at 0°C (TMP235)
– 19.5 mV/°C, 400 mV at 0°C (TMP236)
• Wide operating supply voltage range:
– 2.3 V to 5.5 V (TMP235)
– 3.1 V to 5.5 V (TMP236)
• Short-circuit protected output
• Low power: 9 μA (typical)
• Strong output for driving loads up to 1000 pF
• Available package options:
– 5-pin SC70 (DCK) surface mount
– 3-pin SOT-23 (DBZ) surface mount
– Footprint compatible with industry-standard
LMT8x-Q1 and LM20 temperature sensors

2 Applications
• Grid infrastructure
• Wireless and telecom infrastructure
• Automotive infotainment
• Factory automation and control
• Test and measurement

3 Description
The TMP23x devices are a family of precision CMOS
integrated-circuit linear analog temperature sensors
with an output voltage proportional to temperature
engineers can use in multiple analog temperaturesensing
applications. These temperature sensors are
more accurate than similar pin-compatible devices on
the market, featuring typical accuracy from 0°C to
+70°C of ±0.5°C. The increased accuracy of the
series is designed for many analog temperaturesensing
applications.The TMP235 device provides a
positive slope output of 10 mV/°C over the full –40°C
to +150°C temperature range and a supply range
from 2.3 V to 5.5 V. The higher gain TMP236 sensor
provides a positive slope output of 19.5 mV/°C from
–10°C to +125°C and a supply range from 3.1 V to
5.5 V.
The 9-μA typical quiescent current and 800-μs typical
power-on time enable effective power-cycling
architectures to minimize power consumption for
battery-powered devices. A class-AB output driver
provides a strong 500-μA maximum output to drive
capacitive loads up to 1000 pF and is designed to
directly interface to analog-to-digital converter sample
and hold inputs. With excellent accuracy and a strong
linear output driver, the TMP23x analog output
temperature sensors are cost-effective alternatives to
passive thermistors.




Similar Part No. - TMP236

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP236 TI1-TMP236 Datasheet
274Kb / 13P
Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP236 TI1-TMP236 Datasheet
974Kb / 20P
Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP236 TI1-TMP236 Datasheet
975Kb / 20P
Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP236 TI1-TMP236 Datasheet
1Mb / 25P
Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP236 TI1-TMP236 Datasheet
575Kb / 20P
Automotive Grade, High-Accuracy Analog Output Temperature Sensors
More results


Similar Description - TMP236

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666 Datasheet
268Kb / 8P
High-Accuracy PWM Output Temperature Sensors
Rev 1; 12/03
MAX6666 MAXIM-MAX6666_09 Datasheet
124Kb / 7P
High-Accuracy PWM Output Temperature Sensors
Rev 3; 8/09
logo
Texas Instruments
TMP235 TI1-TMP235 Datasheet
274Kb / 13P
Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235 TI1-TMP235_18 Datasheet
974Kb / 20P
Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235_018 TI1-TMP235_018 Datasheet
975Kb / 20P
Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235_1808 TI1-TMP235_1808 Datasheet
1Mb / 25P
Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235-Q1 TI1-TMP235-Q1 Datasheet
575Kb / 20P
Automotive Grade, High-Accuracy Analog Output Temperature Sensors
TMP235-Q1 TI1-TMP235-Q1_19 Datasheet
688Kb / 22P
Automotive Grade, High-Accuracy Analog Output Temperature Sensors
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666_V01 Datasheet
1Mb / 7P
High-Accuracy PWM Output Temperature Sensors
2014
logo
MultiDimension Technolo...
AMR4100 MULTIDIMENSION-AMR4100 Datasheet
905Kb / 7P
High accuracy analog output dual axis position sensor
Version 2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com