Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC485CS Datasheet (PDF) - Shenzhen Xinluda Information Technology Co., Ltd

XC485CS Datasheet PDF - Shenzhen Xinluda Information Technology Co., Ltd
Part # XC485CS
Download  XC485CS Download
File Size   2407.39 Kbytes
Page   8 Pages
Manufacturer  XINLUDA [Shenzhen Xinluda Information Technology Co., Ltd]
Direct Link  https://www.xinluda.com/en/
Logo XINLUDA - Shenzhen Xinluda Information Technology Co., Ltd
Description The x485 are low-power transceivers for RS-485 and RS422 communication

XC485CS Datasheet (PDF)

Go To PDF Page Download Datasheet
XC485CS Datasheet PDF - Shenzhen Xinluda Information Technology Co., Ltd

Part # XC485CS
Download  XC485CS Click to download

File Size   2407.39 Kbytes
Page   8 Pages
Manufacturer  XINLUDA [Shenzhen Xinluda Information Technology Co., Ltd]
Direct Link  https://www.xinluda.com/en/
Logo XINLUDA - Shenzhen Xinluda Information Technology Co., Ltd
Description The x485 are low-power transceivers for RS-485 and RS422 communication

XC485CS Datasheet (HTML) - Shenzhen Xinluda Information Technology Co., Ltd


XC485CS Product details

General Description
The x485 are low-power transceivers for RS-485 and RS422 communication. Each part contains one driver and one
Receiver The driver slew rates of the x485
are not limited, allowing them to
transmit up to 2.5Mbps.
These transceivers draw between 120µA and 500µA of
supply current when unloaded or fully loaded with disabled

Applications
Low-Power RS-485 Transceivers
Low-Power RS-422 Transceivers
Level Translators
Transceivers for EMI-Sensitive Applications
Industrial-Control Local Area Networks




Similar Part No. - XC485CS

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
XC410 SELEC-XC410 Datasheet
372Kb / 1P
Digital LCD Counter
XC410-24 SELEC-XC410-24 Datasheet
372Kb / 1P
Digital LCD Counter
XC410-24-CU SELEC-XC410-24-CU Datasheet
372Kb / 1P
Digital LCD Counter
XC410-CU SELEC-XC410-CU Datasheet
372Kb / 1P
Digital LCD Counter
logo
AEROTECH US. ALL RIGHTS...
XC4E AEROTECH-XC4E Datasheet
5Mb / 116P
HARDWARE MANUAL
More results


Similar Description - XC485CS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
3.3V Low Power RS-485/RS-422 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
Low Power Half-Duplex RS-485 Transceivers
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
Low Power Half-Duplex RS-485 Transceivers
logo
Shanghai Leiditech Elec...
SP3085 LEIDITECH-SP3085 Datasheet
2Mb / 10P
RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
SP3485 LEIDITECH-SP3485 Datasheet
2Mb / 9P
RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
SP485 LEIDITECH-SP485 Datasheet
2Mb / 10P
RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com