Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC485CS Datasheet(PDF) 4 Page - Shenzhen Xinluda Information Technology Co., Ltd

Part # XC485CS
Description  The x485 are low-power transceivers for RS-485 and RS422 communication
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XINLUDA [Shenzhen Xinluda Information Technology Co., Ltd]
Direct Link  https://www.xinluda.com/en/
Logo XINLUDA - Shenzhen Xinluda Information Technology Co., Ltd

XC485CS Datasheet(HTML) 4 Page - Shenzhen Xinluda Information Technology Co., Ltd

  XC485CS Datasheet HTML 1Page - Shenzhen Xinluda Information Technology Co., Ltd XC485CS Datasheet HTML 2Page - Shenzhen Xinluda Information Technology Co., Ltd XC485CS Datasheet HTML 3Page - Shenzhen Xinluda Information Technology Co., Ltd XC485CS Datasheet HTML 4Page - Shenzhen Xinluda Information Technology Co., Ltd XC485CS Datasheet HTML 5Page - Shenzhen Xinluda Information Technology Co., Ltd XC485CS Datasheet HTML 6Page - Shenzhen Xinluda Information Technology Co., Ltd XC485CS Datasheet HTML 7Page - Shenzhen Xinluda Information Technology Co., Ltd XC485CS Datasheet HTML 8Page - Shenzhen Xinluda Information Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Typical Operating Characteristics (continued)
(VCC = 5V, TA = +25°C, unless otherwise noted.)
120
0
08
OUTPUT CURRENT vs.
DRIVER OUTPUT LOW VOLTAGE
20
100
OUTPUT LOW VOLTAGE (V)
6
60
40
24
80
10
12
140
-120
0
-7
-5
-1
5
OUTPUT CURRENT vs.
DRIVER OUTPUT HIGH VOLTAGE
-20
-80
OUTPUT HIGH VOLTAGE (V)
-3
1
-60
3
-6
-4
-2
0
2
4
-100
-40
100
-50
-25
50
100
485
SUPPLY CURRENT vs. TEMPERATURE
300
TEMPERATURE (
°C)
25
75
500
200
600
400
0
0
125
485; DE = VCC, RE = X
485; DE = 0, RE = X,
Pin Description
µMAX
4
5
6
7
—
—
8
—
1
—
2
—
DIP/SOP
MSOP
2
Receiver Output Enable. RO is enabled when RE is low; RO is
high impedance when RE is high.
3
Driver Output Enable. The driver outputs, Y and Z, are enabled
by bringing DE high. They are high impedance when DE is low. If
the driver outputs are enabled, the parts function as line drivers.
While they are high impedance, they function as line receivers if
RE is low.
4
Driver Input. A low on DI forces output Y low and output Z high.
Similarly, a high on DI forces output Y high and output Z low.
5
Ground
—
Noninverting Driver Output
—
Inverting Driver Output
6
Noninverting Receiver Input and Noninverting Driver Output
—
Noninverting Receiver Input
RE
DE
DI
GND
Y
Z
A
A
7
B
Inverting Receiver Input and Inverting Driver Output
—
B
Inverting Receiver Input
8
VCC
Positive Supply: 4.75V ≤ VCC ≤ 5.25V
—
N.C.
No Connect—not internally connected
FUNCTION
NAME
3
1
Receiver Output: If A > B by 200mV, RO will be high;
If A < B by 200mV, RO will be low.
RO
PIN
FUNCTION
NAME
485
XL485-SS
MSOP8
XL485CS
XD485
RS-485/RS422
SOP8
DIP-8
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com