Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL9201 Datasheet (PDF) - Texas Instruments

TPL9201 Datasheet PDF - Texas Instruments
Part # TPL9201
Download  TPL9201 Download
File Size   982.64 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION

TPL9201 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPL9201 Datasheet PDF - Texas Instruments

Part # TPL9201
Download  TPL9201 Click to download

File Size   982.64 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION

TPL9201 Datasheet (HTML) - Texas Instruments


TPL9201 Product details

FEATURES
· Eight Low-Side Drivers With Internal Clamp for
Inductive Loads and Current Limiting for Self
Protection
– Seven Outputs Rated at 150 mA and
Controlled Through Serial Interface
– One Output Rated at 150 mA and
Controlled Through Serial Interface and
Dedicated Enable Pin
· 5-V ± 5% Regulated Power Supply With
200-mA Load Capability at VIN Max of 18 V
· Internal Voltage Supervisory for Regulated
Output
· Serial Communications for Control of Eight
Low-Side Drivers
· Enable/Disable Input for OUT1
· 5-V or 3.3-V I/O Tolerant for Interface to
Microcontroller
· Programmable Power-On Reset Delay Before
RST Asserted High, Once 5 V Is Within
Specified Range (6 ms Typ)
· Programmable Deglitch Timer Before RST
Asserted Low (40 ms Typ)
· Zero-Voltage Detection Signal
· Thermal Shutdown for Self Protection

APPLICATIONS
· Electrical Appliances
– Air Conditioning Units
– Ranges
– Dishwashers
– Refrigerators
– Microwaves
– Washing Machines
· General-Purpose Interface Circuits, Allowing
Microcontroller Interface to Relays, Electric
Motors, LEDs, and Buzzers

DESCRIPTION/ORDERING INFORMATION
The power supply provides regulated 5-V output to power the system microcontroller and drive eight low-side
switches. The ac zero-detect circuitry is monitoring the crossover voltage of the mains ac supply. The resultant
signal is a low-frequency clock output on the ZVS terminal, based on the ac-line cycle. This information allows
the microcontroller to reduce in-rush current by powering loads on the ac-line peak voltage.
A serial communications interface controls the eight low-side outputs; each output has an internal snubber circuit
to absorb the energy in the inductor at turn OFF. Alternatively, the system can use a fly-back diode to VIN to help
recirculate the energy in an inductive load at turn OFF.




Similar Part No. - TPL9201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL9201 TI-TPL9201 Datasheet
163Kb / 14P
MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPL9201 TI-TPL9201 Datasheet
624Kb / 19P
8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
TPL9201N TI-TPL9201N Datasheet
163Kb / 14P
MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPL9201N TI-TPL9201N Datasheet
624Kb / 19P
8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
TPL9201NE4 TI-TPL9201NE4 Datasheet
624Kb / 19P
8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
More results


Similar Description - TPL9201

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
TD3043 SSOUSA-TD3043 Datasheet
336Kb / 4P
Zero-Volt Switching Triac Driver
logo
List of Unclassifed Man...
TD3082 ETC1-TD3082 Datasheet
181Kb / 4P
Zero-Volt Switching Triac Driver
logo
Solid State Optronic
TD3063 SSOUSA-TD3063 Datasheet
481Kb / 5P
Zero-Volt Switching Triac Driver
logo
Texas Instruments
TPL9202 TI-TPL9202 Datasheet
484Kb / 17P
8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
TPL9201 TI-TPL9201_07 Datasheet
624Kb / 19P
8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
logo
ON Semiconductor
MDC3105 ONSEMI-MDC3105_1 Datasheet
426Kb / 2P
5 V Relay Driver Socket
Rev.0,Aug.2006
logo
Texas Instruments
TPL9202 TI-TPL9202_1 Datasheet
696Kb / 20P
8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
logo
ON Semiconductor
NCS2584 ONSEMI-NCS2584 Datasheet
268Kb / 17P
Four-Channel Video Driver with Load Detection and Signal Detection
August, 2012 ??Rev. 0
logo
alpha microelectronics ...
AMG-LI080 ALPHA-MICRO-AMG-LI080 Datasheet
428Kb / 24P
Timer/Dimmer with Gate Driver, Zero Detection & Protection
logo
Allegro MicroSystems
A2550 ALLEGRO-A2550 Datasheet
530Kb / 15P
Relay Driver with 5 V Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com