Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL9202PWPR Datasheet (PDF) - Texas Instruments

TPL9202PWPR Datasheet PDF - Texas Instruments
Part # TPL9202PWPR
Download  TPL9202PWPR Download
File Size   982.44 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION

TPL9202PWPR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPL9202PWPR Datasheet PDF - Texas Instruments

Part # TPL9202PWPR
Download  TPL9202PWPR Click to download

File Size   982.44 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION

TPL9202PWPR Datasheet (HTML) - Texas Instruments


TPL9202PWPR Product details

1FEATURES
2· Eight Low-Side Drivers With Internal Clamp for
Inductive Loads and Current Limiting for Self
Protection
– Seven Outputs Rated at 150 mA and
Controlled Through Serial Interface
– One Output Rated at 150 mA and
Controlled Through Serial Interface and
Dedicated Enable Pin
· 5-V ± 5% Regulated Power Supply With
200-mA Load Capability at VIN Max of 18 V
· Internal Voltage Supervisory for Regulated
Output
· Serial Communications for Control of Eight
Low-Side Drivers
· Enable/Disable Input for OUT1
· 5-V or 3.3-V I/O Tolerant for Interface to
Microcontroller
· Programmable Power-On Reset Delay Before
RST Asserted High, Once 5 V Is Within
Specified Range (6 ms Typ)
· Programmable Deglitch Timer Before RST
Asserted Low (40 ms Typ)
· Programmable Brown-Out Feature
· Thermal Shutoff for Self Protection

APPLICATIONS
· Electrical Applicances
– Air Conditioning Units
– Ranges
– Dishwashers
– Refrigerators
– Microwaves
– Washing Machines
· General-Purpose Interface Circuit Allowing
Microcontroller Interface to Relays, Electric
Motors, LEDs, and Buzzers

DESCRIPTION/ORDERING INFORMATION
The power supply provides regulated 5-V output to power the system microcontroller and drive eight low-side
switches. The brown-out detection output (BO_OUTZ) warns the system if there is a temporary drop in the
supply voltage, so the system can prevent potentially hazardous situations.
A serial communications interface controls the eight low-side outputs; each output has an internal snubber circuit
to absorb the inductive load at turn OFF. Alternatively, the system can use a fly-back diode to VIN to help
recirculate the energy in an inductive load at turn OFF.




Similar Part No. - TPL9202PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL9202PWPR TI-TPL9202PWPR Datasheet
484Kb / 17P
8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
TPL9202PWPR TI-TPL9202PWPR Datasheet
696Kb / 20P
8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
TPL9202PWPRG4 TI-TPL9202PWPRG4 Datasheet
484Kb / 17P
8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
TPL9202PWPRG4 TI-TPL9202PWPRG4 Datasheet
696Kb / 20P
8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
More results


Similar Description - TPL9202PWPR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COPCJ820 NSC-COPCJ820 Datasheet
408Kb / 32P
8-Bit Microcontroller with Multi-Input Wake Up and Brown Out Detector
COP840CJ NSC-COP840CJ Datasheet
479Kb / 36P
8-Bit Microcontrollers with Multi-Input Wake-Up and Brown Out Detector
logo
Texas Instruments
TPL9202 TI-TPL9202 Datasheet
484Kb / 17P
8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
TPL9201 TI-TPL9201_07 Datasheet
624Kb / 19P
8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
logo
ON Semiconductor
MDC3105 ONSEMI-MDC3105_1 Datasheet
426Kb / 2P
5 V Relay Driver Socket
Rev.0,Aug.2006
logo
NXP Semiconductors
PCA9922 NXP-PCA9922 Datasheet
144Kb / 26P
8-channel constant current LED driver with output error detection
Rev. 01-15 January 2009
logo
Texas Instruments
TPL9202 TI-TPL9202_1 Datasheet
696Kb / 20P
8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
logo
NXP Semiconductors
PCA9922 NXP-PCA9922_11 Datasheet
255Kb / 27P
8-channel constant current LED driver with output error detection
Rev. 2-6 April 2011
logo
ON Semiconductor
NCS2584 ONSEMI-NCS2584 Datasheet
268Kb / 17P
Four-Channel Video Driver with Load Detection and Signal Detection
August, 2012 ??Rev. 0
logo
Allegro MicroSystems
A2550 ALLEGRO-A2550 Datasheet
530Kb / 15P
Relay Driver with 5 V Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com