Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL135-37 Datasheet (PDF) - Micrel Semiconductor

PL135-37 Datasheet PDF - Micrel Semiconductor
Part # PL135-37
Download  PL135-37 Download
File Size   303.74 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low Power, 1.62V to 3.63V, 10MHz to 40MHz, 1:3 Osci l lator Fanout Buf fer

PL135-37 Datasheet (PDF)

Go To PDF Page Download Datasheet
PL135-37 Datasheet PDF - Micrel Semiconductor

Part # PL135-37
Download  PL135-37 Click to download

File Size   303.74 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low Power, 1.62V to 3.63V, 10MHz to 40MHz, 1:3 Osci l lator Fanout Buf fer

PL135-37 Datasheet (HTML) - Micrel Semiconductor


PL135-37 Product details

FEATURES
 Advanced Oscillator Design for Wide
Frequency Coverage
 3 LVCMOS Outputs
 12 mA Output Drive Strength
 Input/Output Frequency:
o Fundamental Crystal: 10MHz to 40MHz
 Very Low Jitter and Phase Noise
 Low Current Consumption
 Single 1.62V to 3.63V Power Supply
 Available in SOP-8L GREEN/RoHS Compliant
Package
DESCRIPTION
The PL135-37 is an advanced oscillator fanout buffer
design for high performance, low-power applications.
The PL135-37 accepts a fundamental crystal input of
10MHz to 40MHz and produces three LVCMOS outputs
of the same frequency. The Output Enable
(OE) function can be used to tri -state the outputs.
The PL135-27 offers the best phase noise and jitter
performance and lowest power consumption of any
comparable IC.




Similar Part No. - PL135-37

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL135-27 MICREL-PL135-27 Datasheet
247Kb / 5P
Low Power, 1.62V to 3.63V, 10MHz to 40MHz, 1:2 Oscillator Fanout Buffer
September 8, 2014
PL135-27GC-R MICREL-PL135-27GC-R Datasheet
247Kb / 5P
Low Power, 1.62V to 3.63V, 10MHz to 40MHz, 1:2 Oscillator Fanout Buffer
September 8, 2014
PL135-27GI-R MICREL-PL135-27GI-R Datasheet
247Kb / 5P
Low Power, 1.62V to 3.63V, 10MHz to 40MHz, 1:2 Oscillator Fanout Buffer
September 8, 2014
More results


Similar Description - PL135-37

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXF4333 INFINEON-PXF4333 Datasheet
5Mb / 361P
ABM 3G ATM Buf fer Manager
V 1.1 December 2001
PXF4336 INFINEON-PXF4336 Datasheet
6Mb / 425P
ABM Premium ATM Buf fer Manager
V 1.1 December 2001
logo
Exar Corporation
XR16M554 EXAR-XR16M554 Datasheet
867Kb / 46P
1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M564 EXAR-XR16M564 Datasheet
1Mb / 55P
1.62V TO 3.63V QUAD UART WITH 32-BYTE FIFO
XR16M570 EXAR-XR16M570 Datasheet
983Kb / 52P
1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M654 EXAR-XR16M654 Datasheet
1Mb / 58P
1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16M2750IM48-F EXAR-XR16M2750IM48-F Datasheet
1,005Kb / 53P
1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M554IV80-0A EXAR-XR16M554IV80-0A Datasheet
867Kb / 46P
1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M580IM48-0A EXAR-XR16M580IM48-0A Datasheet
1Mb / 56P
1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M654DIV-0B EXAR-XR16M654DIV-0B Datasheet
1Mb / 58P
1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com