Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL135-27 Datasheet (PDF) - Micrel Semiconductor

PL135-27 Datasheet PDF - Micrel Semiconductor
Part # PL135-27
Download  PL135-27 Download
File Size   247.67 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low Power, 1.62V to 3.63V, 10MHz to 40MHz, 1:2 Oscillator Fanout Buffer

PL135-27 Datasheet (PDF)

Go To PDF Page Download Datasheet
PL135-27 Datasheet PDF - Micrel Semiconductor

Part # PL135-27
Download  PL135-27 Click to download

File Size   247.67 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low Power, 1.62V to 3.63V, 10MHz to 40MHz, 1:2 Oscillator Fanout Buffer

PL135-27 Datasheet (HTML) - Micrel Semiconductor


PL135-27 Product details

General Description
The PL135-27 is an advanced oscillator fanout buffer design for high performance, low-power, small form-factor applications. The PL135-27 accepts a fundamental crystal input of 10MHz to 40MHz and produces two LVCMOS outputs of the same frequency. The PL135-27 is designed to fit in a small 2mm × 1.3mm DFN package and offers the best phase noise, jitter performance and lowest power consumption of any comparable IC.
Datasheets and support documentation are available on Micrel’s web site at: www.micrel.com.
Features
•Advanced oscillator design for wide frequency coverage
•Two LVCMOS outputs
•8mA output drive strengthGeneral Description
The PL135-27 is an advanced oscillator fanout buffer design for high performance, low-power, small form-factor applications. The PL135-27 accepts a fundamental crystal input of 10MHz to 40MHz and produces two LVCMOS outputs of the same frequency. The PL135-27 is designed to fit in a small 2mm × 1.3mm DFN package and offers the best phase noise, jitter performance and lowest power consumption of any comparable IC.
Datasheets and support documentation are available on Micrel’s web site at: www.micrel.com.
Features
•Advanced oscillator design for wide frequency coverage
•Two LVCMOS outputs
•8mA output drive strength
•Input/output frequency: 10MHz to 40MHz fundamentalcrystal
•Very low jitter and phase noise
•Low current consumption
•Single 1.62V to 3.63V power supply
•Available in 2.0mm × 1.3mm DFN-6L, GREEN/RoHS-compliant package
•Input/output frequency: 10MHz to 40MHz fundamentalcrystal
•Very low jitter and phase noise
•Low current consumption
•Single 1.62V to 3.63V power supply
•Available in 2.0mm × 1.3mm DFN-6L, GREEN/RoHS-compliant package




Similar Part No. - PL135-27

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL135-37 MICREL-PL135-37 Datasheet
303Kb / 5P
Low Power, 1.62V to 3.63V, 10MHz to 40MHz, 1:3 Osci l lator Fanout Buf fer
Rev 03/18/11
PL135-37SC-R MICREL-PL135-37SC-R Datasheet
303Kb / 5P
Low Power, 1.62V to 3.63V, 10MHz to 40MHz, 1:3 Osci l lator Fanout Buf fer
Rev 03/18/11
More results


Similar Description - PL135-27

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85411 ICST-ICS85411 Datasheet
189Kb / 13P
Low Skew, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
REV. B JUNE 16, 2004
ICS85211BI-03 ICST-ICS85211BI-03 Datasheet
163Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 15, 2005
ICS85211I ICST-ICS85211I Datasheet
106Kb / 12P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B ARPIL 8, 2003
logo
Integrated Device Techn...
ICS858S011I IDT-ICS858S011I Datasheet
375Kb / 14P
Low Skew, 1-To-2, Differential-To-CML Fanout Buffer
logo
Renesas Technology Corp
85211BI-03 RENESAS-85211BI-03 Datasheet
489Kb / 16P
Low Skew, 1-to-2, Differential-to-LVHSTL Fanout Buffer
March 11, 2016
85211I-01 RENESAS-85211I-01 Datasheet
299Kb / 15P
Low Skew, 1-to-2 Differential-to-HSTL Fanout Buffer
6/12/15
85411 RENESAS-85411 Datasheet
386Kb / 16P
Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
85411I RENESAS-85411I Datasheet
386Kb / 16P
Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
ICS858S011I RENESAS-ICS858S011I Datasheet
677Kb / 15P
Low Skew, 1-To-2, Differential-To-CML Fanout Buffer
September 19, 2017
IDT85S4011I RENESAS-IDT85S4011I Datasheet
605Kb / 15P
Low Skew, 1-to-2, Differential-to-CML Fanout Buffer
September 21, 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com