Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85411 Datasheet (PDF) - Integrated Circuit Systems

ICS85411 Datasheet PDF - Integrated Circuit Systems
Part # ICS85411
Download  ICS85411 Download
File Size   189.7 Kbytes
Page   13 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Skew, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER

ICS85411 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS85411 Datasheet PDF - Integrated Circuit Systems

Part # ICS85411
Download  ICS85411 Click to download

File Size   189.7 Kbytes
Page   13 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Skew, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER

ICS85411 Datasheet (HTML) - Integrated Circuit Systems


ICS85411 Product details

GENERAL DESCRIPTION
The ICS85411 is a low skew, high performance 1-to-2 Differential-to-LVDS Fanout Buffer and a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. The CLK, nCLK pair can accept most standard differential input levels.The ICS85411 is characterized to operate from a 3.3V power supply. Guaranteed output and part-to-part skew characteristics make the ICS85411 ideal for those clock distribution applications demanding well defined performance and repeatability.

FEATURES
• 2 differential LVDS outputs
• 1 differential CLK, nCLK clock input
• CLK, nCLK pair can accept the following differential input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Maximum output frequency: 650MHz
• Translates any single ended input signal to LVDS levels with resistor bias on nCLK input
• Output skew: 20ps (maximum)
• Part-to-part skew: 250ps (maximum)
• Additive phase jitter, RMS: 0.05ps (typical)
• Propagation delay: 2.5 ns (maximum)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Lead-Free package available
• Industrial temperature information available upon request




Similar Part No. - ICS85411

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS854110I IDT-ICS854110I Datasheet
851Kb / 21P
2.5V Differential LVDS Clock Buffer
logo
Renesas Technology Corp
ICS854110I RENESAS-ICS854110I Datasheet
1Mb / 22P
2.5V Differential LVDS Clock Buffer
JANUARY 27, 2011
logo
Integrated Device Techn...
ICS85411AMI IDT-ICS85411AMI Datasheet
294Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TOLVDS FANOUT BUFFER
ICS85411AMILF IDT-ICS85411AMILF Datasheet
294Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TOLVDS FANOUT BUFFER
ICS85411AMILFT IDT-ICS85411AMILFT Datasheet
294Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TOLVDS FANOUT BUFFER
More results


Similar Description - ICS85411

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8S89832I IDT-8S89832I Datasheet
297Kb / 16P
Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
854S006I IDT-854S006I Datasheet
272Kb / 15P
Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
854S006 IDT-854S006 Datasheet
691Kb / 17P
Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
ICS8543-09 IDT-ICS8543-09 Datasheet
996Kb / 17P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
8S89832I RENESAS-8S89832I Datasheet
631Kb / 15P
Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
September 22, 2017
854S006 RENESAS-854S006 Datasheet
1Mb / 18P
Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
April 11, 2017
85411 RENESAS-85411 Datasheet
386Kb / 16P
Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
85411I RENESAS-85411I Datasheet
386Kb / 16P
Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
ICS8543-09 RENESAS-ICS8543-09 Datasheet
1Mb / 18P
Low Skew, 1-to-4, Differential-to- LVDS Fanout Buffer
2019
ICS8543I RENESAS-ICS8543I Datasheet
820Kb / 18P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com