Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS854110I Datasheet (PDF) - Renesas Technology Corp

ICS854110I Datasheet PDF - Renesas Technology Corp
Part # ICS854110I
Download  ICS854110I Download
File Size   1374.07 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V Differential LVDS Clock Buffer

ICS854110I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS854110I Datasheet PDF - Renesas Technology Corp

Part # ICS854110I
Download  ICS854110I Click to download

File Size   1374.07 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V Differential LVDS Clock Buffer

ICS854110I Datasheet (HTML) - Renesas Technology Corp


ICS854110I Product details

General Description
The ICS854110I is a high-performance differential LVDS clock fanout
buffer. The device is designed for signal fanout of high-frequency, low
phase-noise clock signals. The selected differential input signal is
distributed to ten differential LVDS outputs. The ICS854110I is
characterized to operate from a 2.5V power supply. Guaranteed
output-to-output and part-to-part skew characteristics make the
ICS854110I ideal for those clock distribution applications demanding
well-defined performance and repeatability. The device offers an
output slew rate control with four pre-set output transition times to
solve crosstalk and EMI problems in complex board designs. A
fail-safe input design forces the outputs to a defined state if
differential clock inputs are open or shorted, see Table 3D.
Features
• Two differential input reference clocks
• Differential pair can accept the following differential input levels:
LVPECL, LVDS
• Ten LVDS outputs
• Maximum clock frequency: 200MHz
• Output slew rate control
• Fail-safe differential inputs
• LVCMOS interface levels for all control inputs
• Output skew: 260ps (maximum), for fastest slew rate setting of
0.650 V/ns
• Part-to-part skew: 1.2ns (maximum)
• Full 2.5V supply voltage
• Lead-free (RoHS 6) 32-Lead VFQFN and 32-Lead LQFP package
• -40°C to 85°C ambient operating temperature




Similar Part No. - ICS854110I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS854110I IDT-ICS854110I Datasheet
851Kb / 21P
2.5V Differential LVDS Clock Buffer
More results


Similar Description - ICS854110I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T74S208A-01 IDT-8T74S208A-01_16 Datasheet
367Kb / 19P
2.5V Differential LVDS Clock Divider and Fanout Buffer
ICS854110I IDT-ICS854110I Datasheet
851Kb / 21P
2.5V Differential LVDS Clock Buffer
874208I IDT-874208I Datasheet
298Kb / 19P
2.5V Differential LVDS Clock Divider and Fanout Buffer
874328I-01 IDT-874328I-01 Datasheet
370Kb / 23P
2.5V Differential Clock Divider/Buffer
IDT8R9306I IDT-IDT8R9306I Datasheet
654Kb / 19P
2.5V LVDS, 1:6 Clock Buffer Terabuffer
logo
Renesas Technology Corp
8T74S208A-01 RENESAS-8T74S208A-01 Datasheet
563Kb / 20P
2.5V Differential LVDS Clock Divider and Fanout Buffer
08/17/16
8T74S208B RENESAS-8T74S208B Datasheet
662Kb / 22P
2.5V Differential LVDS Clock Divider and Fanout Buffer
August 10, 2016
874328I-01 RENESAS-874328I-01 Datasheet
370Kb / 23P
2.5V Differential Clock Divider/Buffer
January 27, 2016
ICS874208I RENESAS-ICS874208I Datasheet
494Kb / 20P
2.5V Differential LVDS Clock Divider and Fanout Buffer
9/18/14
8T349316 RENESAS-8T349316 Datasheet
598Kb / 20P
2.5V LVDS 1:16 Clock Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com