Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS854110I Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS854110I
Description  2.5V Differential LVDS Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS854110I Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS854110I Datasheet HTML 1Page - Renesas Technology Corp ICS854110I Datasheet HTML 2Page - Renesas Technology Corp ICS854110I Datasheet HTML 3Page - Renesas Technology Corp ICS854110I Datasheet HTML 4Page - Renesas Technology Corp ICS854110I Datasheet HTML 5Page - Renesas Technology Corp ICS854110I Datasheet HTML 6Page - Renesas Technology Corp ICS854110I Datasheet HTML 7Page - Renesas Technology Corp ICS854110I Datasheet HTML 8Page - Renesas Technology Corp ICS854110I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ICS854110AKI REVISION B JANUARY 27, 2011
2
©2011 Integrated Device Technology, Inc.
ICS854110I Data Sheet
2.5V DIFFERENTIAL LVDS CLOCK BUFFER
Table 1. Pin Descriptions
NOTE: Pulldown refers to an internal input resistor. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1
ISET
An external fixed resistor (RSET) from this pin to ground is needed to provide a
reference current for setting the slew rate of the differential outputs Q[0:9], nQ[0:9].
See Table 3C for function.
2
CLK_SEL
Input
Pulldown
Input clock select. See Table 3A for function. LVCMOS/LVTTL interface levels.
3
CLK0
Input
Non-inverting clock/data input 0.
4
nCLK0
Input
Inverting differential clock input 0.
5, 9, 25
GND
Power
Power supply ground.
6
CLK1
Input
Non-inverting clock/data input 1.
7
nCLK1
Input
Inverting differential clock input 1.
8
nOE
Input
Pulldown
Output enable. See Table 3B for function. LVCMOS/LVTTL interface levels.
10, 11
nQ9, Q9
Output
Differential output pair 9. LVDS interface levels.
12, 13
nQ8, Q8
Output
Differential output pair 8. LVDS interface levels.
14, 15
nQ7, Q7
Output
Differential output pair 7. LVDS interface levels.
16, 32
VDD
Power
Power supply pins.
17, 18
nQ6, Q6
Output
Differential output pair 6. LVDS interface levels.
19, 20
nQ5, Q5
Output
Differential output pair 5. LVDS interface levels.
21, 22
nQ4, Q4
Output
Differential output pair 4. LVDS interface levels.
23, 24
nQ3, Q3
Output
Differential output pair 3. LVDS interface levels.
26, 27
nQ2, Q2
Output
Differential output pair 2. LVDS interface levels.
28, 29
nQ1, Q1
Output
Differential output pair 1. LVDS interface levels.
30, 31
nQ0, Q0
Output
Differential output pair 0. LVDS interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLDOWN
Input Pulldown Resistor
51
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com