Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS854110I Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS854110I
Description  2.5V Differential LVDS Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS854110I Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS854110I Datasheet HTML 9Page - Renesas Technology Corp ICS854110I Datasheet HTML 10Page - Renesas Technology Corp ICS854110I Datasheet HTML 11Page - Renesas Technology Corp ICS854110I Datasheet HTML 12Page - Renesas Technology Corp ICS854110I Datasheet HTML 13Page - Renesas Technology Corp ICS854110I Datasheet HTML 14Page - Renesas Technology Corp ICS854110I Datasheet HTML 15Page - Renesas Technology Corp ICS854110I Datasheet HTML 16Page - Renesas Technology Corp ICS854110I Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ICS854110AKI REVISION B JANUARY 27, 2011
13
©2011 Integrated Device Technology, Inc.
ICS854110I Data Sheet
2.5V DIFFERENTIAL LVDS CLOCK BUFFER
LVDS Driver Termination
A general LVDS interface is shown in Figure 4. Standard termination
for LVDS type output structure requires both a 100
Ω parallel resistor
at the receiver and a 100
Ω differential transmission line environment.
In order to avoid any transmission line reflection issues, the 100
Ω
resistor must be placed as close to the receiver as possible. IDT
offers a full line of LVDS compliant devices with two types of output
structures: current source and voltage source. The standard
termination schematic as shown in Figure 4 can be used with either
type of output structure. If using a non-standard termination, it is
recommended to contact IDT and confirm if the output is a current
source or a voltage source type structure. In addition, since these
outputs are LVDS compatible, the amplitude and common mode
input range of the input receivers should be verified for compatibility
with the output.
Figure 4. Typical LVDS Driver Termination
100
Ω
–
+
100
Ω Differential Transmission Line
LVDS Driver
LVDS
Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com