Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS854110I Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS854110I
Description  2.5V Differential LVDS Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS854110I Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS854110I Datasheet HTML 10Page - Renesas Technology Corp ICS854110I Datasheet HTML 11Page - Renesas Technology Corp ICS854110I Datasheet HTML 12Page - Renesas Technology Corp ICS854110I Datasheet HTML 13Page - Renesas Technology Corp ICS854110I Datasheet HTML 14Page - Renesas Technology Corp ICS854110I Datasheet HTML 15Page - Renesas Technology Corp ICS854110I Datasheet HTML 16Page - Renesas Technology Corp ICS854110I Datasheet HTML 17Page - Renesas Technology Corp ICS854110I Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
ICS854110AKI REVISION B JANUARY 27, 2011
14
©2011 Integrated Device Technology, Inc.
ICS854110I Data Sheet
2.5V DIFFERENTIAL LVDS CLOCK BUFFER
Power Considerations
This section provides information on power dissipation and junction temperature for the ICS854110I.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the ICS54110I is the sum of the core power plus the power dissipation in the load(s).
The following is the power dissipation for VDD = 2.5V + 5% = 2.625V, which gives worst case results.
Total power dissipation, includes power dissipation on external components.
•
P_core+load = VDD_MAX * IDD_core+load = 2.625V * 86mA = 225.75mW
Where:
IDD_core+load is the total supply current which includes external components
To calculate the power dissipation on the device alone, Pd_total, and use it for junction temperature calculation, subtract the power dissipation
on the external components.
•
Pd_total = P_core+load – (P_load + P_rset)
Where:
P_load is power dissipation on the output loadings
P_rset is power dissipation on the RSET
The load current per output is:
•Iout = (IDD_core+load – IDD_no_load) / N = (86mA – 18mA) / 10 = 6.8mA
Where:
IDD_no_load is IDD current at no load condition
N is number of outputs
Power Dissipation on output loads
•
P_load = (Iout)^2 * R_load * N = (6.8mA)^2 * 100
Ω * 10 = 46.2mW
Power Dissipation on RSET
•
P_rset = (Vrset)^2 / RSET = (1V)^2 / 4kΩ = 0.25mW
(NOTE: P_rset is small and can be negligible)
Total Power Dissipation on the part excluding the power dissipation on the external components.
Pd_total = P_core+load – (P_load + P_rset)
= 225.75mW – (46.2mW + 0.25mW)
= 179.3mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com