Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8T349316 Datasheet (PDF) - Renesas Technology Corp

8T349316 Datasheet PDF - Renesas Technology Corp
Part # 8T349316
Download  8T349316 Download
File Size   598.26 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V LVDS 1:16 Clock Fanout Buffer

8T349316 Datasheet (PDF)

Go To PDF Page Download Datasheet
8T349316 Datasheet PDF - Renesas Technology Corp

Part # 8T349316
Download  8T349316 Click to download

File Size   598.26 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V LVDS 1:16 Clock Fanout Buffer

8T349316 Datasheet (HTML) - Renesas Technology Corp


8T349316 Product details

Features
• Clock signal selection and fanout to 16 LVDS outputs
• Guaranteed Low Skew < 50ps (max)
• Low output pulse skew < 125ps (max)
• Propagation delay < 1.75ns (max)
• Up to 1GHz clock signal operation
• Support the following input types: HSTL, LVPECL, HCSL, LVTTL
• Selectable differential input
• Power-down mode
• Full 2.5V power supply
• -40°C to +85°C ambient operating temperature
• Lead-free (RoHS 6) 52-lead VFQFN-P packaging
• Replacement device for the 5T9316




Similar Part No. - 8T349316

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T349316 IDT-8T349316 Datasheet
359Kb / 19P
2.5V LVDS 1:16 Clock Fanout Buffer
8T349316NLGI IDT-8T349316NLGI Datasheet
359Kb / 19P
2.5V LVDS 1:16 Clock Fanout Buffer
8T349316NLGI8 IDT-8T349316NLGI8 Datasheet
359Kb / 19P
2.5V LVDS 1:16 Clock Fanout Buffer
More results


Similar Description - 8T349316

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T9316 IDT-IDT5T9316 Datasheet
95Kb / 12P
2.5V LVDS 1:16 CLOCK BUFFER TERABUFFER II
logo
Micrel Semiconductor
SY89838U MICREL-SY89838U_10 Datasheet
349Kb / 16P
Precision 1:8 LVDS Clock Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8181G AKM-AK8181G Datasheet
585Kb / 10P
3.3V LVDS 1:4 Clock Fanout Buffer
AK8181F AKM-AK8181F Datasheet
654Kb / 12P
3.3V LVDS 1:4 Clock Fanout Buffer
logo
Integrated Device Techn...
8T74S208A-01 IDT-8T74S208A-01_16 Datasheet
367Kb / 19P
2.5V Differential LVDS Clock Divider and Fanout Buffer
874208I IDT-874208I Datasheet
298Kb / 19P
2.5V Differential LVDS Clock Divider and Fanout Buffer
8T349316 IDT-8T349316 Datasheet
359Kb / 19P
2.5V LVDS 1:16 Clock Fanout Buffer
logo
Renesas Technology Corp
8T74S208A-01 RENESAS-8T74S208A-01 Datasheet
563Kb / 20P
2.5V Differential LVDS Clock Divider and Fanout Buffer
08/17/16
8T74S208B RENESAS-8T74S208B Datasheet
662Kb / 22P
2.5V Differential LVDS Clock Divider and Fanout Buffer
August 10, 2016
ICS874208I RENESAS-ICS874208I Datasheet
494Kb / 20P
2.5V Differential LVDS Clock Divider and Fanout Buffer
9/18/14
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com