Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS3710 Datasheet (PDF) - Texas Instruments

TPS3710 Datasheet PDF - Texas Instruments
Part # TPS3710
Download  TPS3710 Download
File Size   942.53 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3710-Q1 Wide VIN Voltage Detector

TPS3710 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3710 Datasheet PDF - Texas Instruments

Part # TPS3710
Download  TPS3710 Click to download

File Size   942.53 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3710-Q1 Wide VIN Voltage Detector

TPS3710 Datasheet (HTML) - Texas Instruments


TPS3710 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: -40°C to 125°C
ambient operating temperature range
– Device HBM ESD classification level 2
– Device CDM ESD classification level C6
• Wide supply voltage range: 1.8V to 18V
• Adjustable threshold: down to 400mV
• High threshold accuracy:
– 1.0% Overtemperature
– 0.25% Typical
• Low quiescent current: 5.5μA (typical)
• Open-Drain output
• Internal hysteresis: 5.5mV (typical)
• Temperature range: –40°C to +125°C
• Packages:
– 1.5mm × 1.5mm WSON-6

2 Applications
• Automotive Systems
• Embedded Computing Modules
• DSP, Microcontroller, or Microprocessor
Applications
• Notebook and Desktop Computers
• Portable- and Battery-Powered Products
• FPGA and ASIC Applications

3 Description
The TPS3710-Q1 wide supply voltage detector
operates over a 1.8V to 18V range. The device has
a high-accuracy comparator with an internal 400mV
reference and an open-drain output rated to 18V for
precision voltage detection. The monitored voltage
can be set with the use of external resistors.
The OUT pin is driven low when the voltage at the
SENSE pin drops below (VIT–), and goes high when
the voltage returns above the respective threshold
(VIT+). The comparator in the TPS3710-Q1 includes
built-in hysteresis for filtering to reject brief glitches,
which helps the device to operate without false
triggering.
The TPS3710-Q1 is available in a 1.5mm × 1.5mm 6-
pin WSON package, and is specified over the junction
temperature range of –40°C to +125°C.




Similar Part No. - TPS3710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3710 TI1-TPS3710 Datasheet
937Kb / 24P
Wide VIN Voltage Detector
TPS3710 TI1-TPS3710 Datasheet
830Kb / 22P
Wide VIN Voltage Detector
TPS3710 TI2-TPS3710 Datasheet
1Mb / 27P
TPS3710 Wide VIN Voltage Detector
REVISED FEBRUARY 2024
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
Wide VIN Voltage Detector
TPS3710-Q1 TI2-TPS3710-Q1 Datasheet
1Mb / 27P
TPS3710 Wide VIN Voltage Detector
REVISED FEBRUARY 2024
More results


Similar Description - TPS3710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3710 TI1-TPS3710 Datasheet
937Kb / 24P
Wide VIN Voltage Detector
LM340-MIL TI1-LM340-MIL Datasheet
1Mb / 22P
Wide VIN 1.5-A Fixed Voltage Regulator
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
Wide VIN Voltage Detector
TPS65313-Q1 TI1-TPS65313-Q1_V01 Datasheet
6Mb / 204P
TPS65313-Q1 Wide-VIN Power-Management IC for Automotive Applications
TPS38A-Q1 TI-TPS38A-Q1 Datasheet
2Mb / 34P
TPS38x-Q1 (65 V & 2uA) Wide VIN Dual Channel Voltage Detector
LM34966-Q1 TI-LM34966-Q1 Datasheet
2Mb / 48P
LM34966-Q1 500kHz Wide VIN Non-synchronous Boost/SEPIC/Flyback Controller
LM5150-Q1 TI-LM5150-Q1_V01 Datasheet
1Mb / 43P
LM5150-Q1 Wide VIN Automotive Low IQ Boost Controller
LM51501-Q1 TI-LM51501-Q1_V01 Datasheet
1Mb / 43P
LM51501-Q1 Wide VIN Automotive Low IQ Boost Controller
LM51501-Q1 TI-LM51501-Q1_V02 Datasheet
1Mb / 53P
LM51501-Q1 Wide VIN Automotive Low IQ Boost Controller
REVISED OCTOBER 2021
LM5150-Q1 TI-LM5150-Q1_V02 Datasheet
1Mb / 54P
LM5150-Q1 Wide VIN Automotive Low IQ Boost Controller
REVISED OCTOBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com