Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS3710 Datasheet (PDF) - Texas Instruments

TPS3710 Datasheet PDF - Texas Instruments
Part # TPS3710
Download  TPS3710 Download
File Size   1130.32 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3710 Wide VIN Voltage Detector

TPS3710 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3710 Datasheet PDF - Texas Instruments

Part # TPS3710
Download  TPS3710 Click to download

File Size   1130.32 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3710 Wide VIN Voltage Detector

TPS3710 Datasheet (HTML) - Texas Instruments


TPS3710 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: -40°C to 125°C
ambient operating temperature range
– Device HBM ESD classification level 2
– Device CDM ESD classification level C6
• Wide supply voltage range: 1.8V to 18V
• Adjustable threshold: down to 400mV
• High threshold accuracy:
– 1.0% Overtemperature
– 0.25% Typical
• Low quiescent current: 5.5μA (typical)
• Open-Drain output
• Internal hysteresis: 5.5mV (typical)
• Temperature range: –40°C to +125°C
• Packages:
– SOT-6
– 1.5mm × 1.5mm WSON-6

2 Applications
• Industrial Control Systems
• Embedded Computing Modules
• DSP, Microcontroller, or Microprocessor
Applications
• Notebook and Desktop Computers
• Portable- and Battery-Powered Products
• FPGA and ASIC Applications

3 Description
The TPS3710 wide supply voltage detector operates
over a 1.8V to 18V range. The device has a
high-accuracy comparator with an internal 400mV
reference and an open-drain output rated to 18V for
precision voltage detection. The monitored voltage
can be set with the use of external resistors.
The OUT pin is driven low when the voltage at the
SENSE pin drops below (VIT–), and goes high when
the voltage returns above the respective threshold
(VIT+). The comparator in the TPS3710 includes builtin
hysteresis for filtering to reject brief glitches, which
helps the device to operate without false triggering.
The TPS3710 is available in a 6-pin SOT package,
and a 1.5mm × 1.5mm 6-pin WSON package, and
is specified over the junction temperature range of –
40°C to +125°C.




Similar Part No. - TPS3710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3710 TI1-TPS3710 Datasheet
937Kb / 24P
Wide VIN Voltage Detector
TPS3710 TI1-TPS3710 Datasheet
830Kb / 22P
Wide VIN Voltage Detector
TPS3710 TI2-TPS3710 Datasheet
942Kb / 25P
TPS3710-Q1 Wide VIN Voltage Detector
REVISED FEBRUARY 2024
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
Wide VIN Voltage Detector
TPS3710-Q1 TI2-TPS3710-Q1 Datasheet
942Kb / 25P
TPS3710-Q1 Wide VIN Voltage Detector
REVISED FEBRUARY 2024
More results


Similar Description - TPS3710

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4672 ONSEMI-NCP4672 Datasheet
63Kb / 8P
Dual Linear Voltage Regulators with Vin and Vout Voltage Detector
February, 2004 ??Rev. 4
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
Wide VIN 500mA Synchronous Buck Regulator
July 15, 2013
ISL85410 INTERSIL-ISL85410 Datasheet
918Kb / 21P
Wide VIN 1A Synchronous Buck Regulator
November 22, 2013
logo
Texas Instruments
TPS3710 TI1-TPS3710 Datasheet
937Kb / 24P
Wide VIN Voltage Detector
logo
Intersil Corporation
ISL85412 INTERSIL-ISL85412 Datasheet
994Kb / 19P
Wide VIN 150mA Synchronous Buck Regulator
logo
Texas Instruments
LM340-MIL TI1-LM340-MIL Datasheet
1Mb / 22P
Wide VIN 1.5-A Fixed Voltage Regulator
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
Wide VIN Voltage Detector
logo
Renesas Technology Corp
ISL85412 RENESAS-ISL85412 Datasheet
1Mb / 19P
Wide VIN 150mA Synchronous Buck Regulator
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
Wide VIN 500mA Synchronous Buck Regulator
logo
Texas Instruments
TPS38A-Q1 TI-TPS38A-Q1 Datasheet
2Mb / 34P
TPS38x-Q1 (65 V & 2uA) Wide VIN Dual Channel Voltage Detector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com