Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC5 Datasheet (PDF) - Multicomp Pro

BC5 Datasheet PDF - Multicomp Pro
Part # BC5
Download  BC5 Download
File Size   261.55 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Hand Held Boxes

BC5 Datasheet (PDF)

Go To PDF Page Download Datasheet
BC5 Datasheet PDF - Multicomp Pro

Part # BC5
Download  BC5 Click to download

File Size   261.55 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Hand Held Boxes

BC5 Datasheet (HTML) - Multicomp Pro


BC5 Product details

Hand held case with battery compartment and separate front cover
Description
Smart looking case moulded in high-impact white ABS with integral PP3 battery compartment accessible by a separate removable cover. The two main halves of the case are held together by two self tapping screws (supplied) which are concealed by the battery cover. The integral bezel and front cover can be removed for ease of manufacture. The overall finish of the case is matt with a polished front panel.

Calculator/instrument case with battery compartment
Description
A calculator style case moulded in black or white ABS with an overall matt finish. The integral battery compartment with sliding cover will accommodate 2 x PP3 type batteries. Internal pcb pillars are provided in both halves of the case, which are held together by the 4 self tapping screws provided. A small removable panel is provided on the window end of the case to facilitate leads etc. or a window for infra-red remote control applications.




Similar Part No. - BC5

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BC5-M18-AN4X TURCK-BC5-M18-AN4X Datasheet
162Kb / 2P
Capacitive Sensor
11/07/2023
BC5-M18-AP4X TURCK-BC5-M18-AP4X Datasheet
161Kb / 2P
Capacitive Sensor
11/07/2023
BC5-M18-AZ3X TURCK-BC5-M18-AZ3X Datasheet
162Kb / 2P
Capacitive Sensor
11/07/2023
BC5-M18-RP4X TURCK-BC5-M18-RP4X Datasheet
163Kb / 3P
Capacitive Sensor
11/07/2023
BC5-M18-RZ3X TURCK-BC5-M18-RZ3X Datasheet
337Kb / 3P
Capacitive sensor
More results


Similar Description - BC5

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
600-076 GLENAIR-600-076 Datasheet
217Kb / 1P
Hand Held Torque Wrenches
logo
SICK AG
IDM120-3PDF01B SICK-IDM120-3PDF01B Datasheet
775Kb / 5P
HAND-HELD SCANNERS
IDM120-301B SICK-IDM120-301B Datasheet
774Kb / 5P
HAND-HELD SCANNERS
IDM140-2BT SICK-IDM140-2BT Datasheet
747Kb / 5P
HAND-HELD SCANNERS
IDM140-2PDF01D SICK-IDM140-2PDF01D Datasheet
654Kb / 5P
HAND-HELD SCANNERS
IDM140-300S SICK-IDM140-300S Datasheet
781Kb / 5P
HAND-HELD SCANNERS
IDM140-310S SICK-IDM140-310S Datasheet
781Kb / 5P
HAND-HELD SCANNERS
IDM160-300S SICK-IDM160-300S Datasheet
795Kb / 5P
HAND-HELD SCANNERS
IDM161-300S SICK-IDM161-300S Datasheet
785Kb / 5P
HAND-HELD SCANNERS
IDM162-300S SICK-IDM162-300S Datasheet
787Kb / 5P
HAND-HELD SCANNERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com