Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC5 Datasheet(PDF) 1 Page - Multicomp Pro

Part # BC5
Description  Hand Held Boxes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

BC5 Datasheet(HTML) 1 Page - Multicomp Pro

  BC5 Datasheet HTML 1Page - Multicomp Pro BC5 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
17/07/19
Hand Held Boxes
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Hand held case with battery compartment and separate front cover
Calculator/instrument case with battery compartment
Description
Smart looking case moulded in high-impact white ABS with integral PP3 battery compartment
accessible by a separate removable cover. The two main halves of the case are held together by
two self tapping screws (supplied) which are concealed by the battery cover. The integral bezel and
front cover can be removed for ease of manufacture. The overall finish of the case is matt with a
polished front panel.
Description
A calculator style case moulded in black or white ABS with an overall matt finish. The integral
battery compartment with sliding cover will accommodate 2 x PP3 type batteries. Internal pcb pillars
are provided in both halves of the case, which are held together by the 4 self tapping screws
provided. A small removable panel is provided on the window end of the case to facilitate leads etc.
or a window for infra-red remote control applications.
Specification Table
Overall Dimensions
Nominal Wall
Thickness
Colour Part Number
Length
Width
Depth
118mm
66mm
33mm
2mm
White
BC3W
Specification Table
Overall Dimensions
Nominal Wall
Thickness
Display Window
Size
Colour Part Number
A
B
C
D
154mm
81mm
37.5mm
33mm
2mm
49mm × 20mm
Black
BC4
White
BC4W
Diagram


Similar Part No. - BC5

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BC5-M18-AN4X TURCK-BC5-M18-AN4X Datasheet
162Kb / 2P
Capacitive Sensor
11/07/2023
BC5-M18-AP4X TURCK-BC5-M18-AP4X Datasheet
161Kb / 2P
Capacitive Sensor
11/07/2023
BC5-M18-AZ3X TURCK-BC5-M18-AZ3X Datasheet
162Kb / 2P
Capacitive Sensor
11/07/2023
BC5-M18-RP4X TURCK-BC5-M18-RP4X Datasheet
163Kb / 3P
Capacitive Sensor
11/07/2023
BC5-M18-RZ3X TURCK-BC5-M18-RZ3X Datasheet
337Kb / 3P
Capacitive sensor
More results

Similar Description - BC5

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
600-076 GLENAIR-600-076 Datasheet
217Kb / 1P
Hand Held Torque Wrenches
logo
SICK AG
IDM120-3PDF01B SICK-IDM120-3PDF01B Datasheet
775Kb / 5P
HAND-HELD SCANNERS
2017-05-03
IDM120-301B SICK-IDM120-301B Datasheet
774Kb / 5P
HAND-HELD SCANNERS
2017-05-03
IDM140-2BT SICK-IDM140-2BT Datasheet
747Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM140-2PDF01D SICK-IDM140-2PDF01D Datasheet
654Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM140-300S SICK-IDM140-300S Datasheet
781Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM140-310S SICK-IDM140-310S Datasheet
781Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM160-300S SICK-IDM160-300S Datasheet
795Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM161-300S SICK-IDM161-300S Datasheet
785Kb / 5P
HAND-HELD SCANNERS
IDM162-300S SICK-IDM162-300S Datasheet
787Kb / 5P
HAND-HELD SCANNERS
2017-05-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com