Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22934 Datasheet (PDF) - Texas Instruments

TPS22934 Datasheet PDF - Texas Instruments
Part # TPS22934
Download  TPS22934 Download
File Size   574.1 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Ultra-Small, Low-Input-Voltage, Low rON Load Switch With Hysteresis Control Input

TPS22934 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22934 Datasheet PDF - Texas Instruments

Part # TPS22934
Download  TPS22934 Click to download

File Size   574.1 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Ultra-Small, Low-Input-Voltage, Low rON Load Switch With Hysteresis Control Input

TPS22934 Datasheet (HTML) - Texas Instruments


TPS22934 Product details

1 Features
1• Integrated Single Channel Load Switch
• Input Voltage: 1.5 V to 3.6 V
• ON-Resistance
– rDS(ON) = 63 mΩ at VIN = 3.6 V
– rDS(ON) = 69 mΩ at VIN = 2.5 V
– rDS(ON) = 78 mΩ at VIN = 1.8 V
– r DS(ON) = 87 mΩ at VIN = 1.5 V
• 1-A Maximum Continuous Switch Current
• Integrated Hysteresis Enable Input (ON Pin)
Allows Easy Power-Rail Sequencing
• Controlled Slew Rate Option: 26 μs at 3.6 V
• Quick Output Discharge Transistor
• Ultra-Small CSP-4 Package
• ESD Performance Tested Per JESD 22
– 3000-V Human-Body Model
(A114-B, Class II)
– 1000-V Charged-Device Model (C101)

2 Applications
• Battery-Powered Equipment
• Portable Industrial Equipment
• Portable Medical Equipment
• Portable Media Players
• Point-of-Sales Terminals
• GPS Devices
• Digital Cameras
• Portable Instrumentation
• Smart Phones

3 Description
The TPS22934 is a small, low ON-resistance (rON)
load switch with controlled turnon. The devices contain a P-channel MOSFETs that can operate over
an input voltage range of 1.5 V to 3.6 V.
The switch is controlled by an ON/OFF input (ON),
which has built-in hysteresis (VTH+(typ) = 2.35 V)
allowing an easy use of TPS22934 in power-rail
sequencing applications.
In the TPS22934 a 35-Ω on-chip load resistor is
added for output quick discharge when switch is turned off.
In the TPS22934, the rise time of the device is internally controlled to avoid inrush current. The
TPS22934 features a typical rise time of 26 μs with a
3.6-V input.
The the TPS22934 is available in an ultra-small
space-saving 4-pin CSP package and is
characterized for operation over the free-air
temperature range of –40ºC to 85ºC.




Similar Part No. - TPS22934

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22934 TI-TPS22934 Datasheet
982Kb / 25P
ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH WITH HYSTERESIS CONTROL INPUT
TPS22934YZVR TI-TPS22934YZVR Datasheet
982Kb / 25P
ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH WITH HYSTERESIS CONTROL INPUT
TPS22934YZVT TI-TPS22934YZVT Datasheet
982Kb / 25P
ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH WITH HYSTERESIS CONTROL INPUT
More results


Similar Description - TPS22934

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22907 TI-TPS22907 Datasheet
1Mb / 14P
ULTRA SMALL, LOW-INPUT VOLTAGE, LOW rON LOAD SWITCH
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
TPS22934 TI-TPS22934 Datasheet
982Kb / 25P
ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH WITH HYSTERESIS CONTROL INPUT
TPS22908 TI1-TPS22908 Datasheet
693Kb / 19P
Ultra Small, Low-Input Voltage, Low RON Load Switch
TPS22924D TI-TPS22924D Datasheet
921Kb / 18P
ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW RON LOAD SWITCH
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Pericom Semiconductor C...
PI3PD22920 PERICOM-PI3PD22920 Datasheet
6Mb / 12P
Ultra Small, Low-Input Voltage, Low RON Load Switch
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
Ultra Small, Low-Input Voltage, Low RON Load Switch
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com